Selected language     English  ▼


H-178C-LP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. H-178C-LP
Description  T-1 (3mm) LED HOLDER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
02/19/04
Engineering Release
A
REV.
DESCRIPTION
DATE
APPROVED
M. C.
T-1 (3mm) LED HOLDER
H-178C-LP
SHEET #
OF
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
± 1°
M. Chen
Shane Irving
.XXX
± .005
.XX
± .01
CHECKED:
DESIGNED:
02/19/04
12/03/98
DATE:
DATE:
TITLE:
PART NO:
CAGE CODE : 32559
.X
± .1
DECIMALS
( UNLESS OTHERWISE SPECIFIED )
STANDARD TOLERANCE
ANGULAR
A
1
1
REVISION:
®
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
2. MATERIAL: NYLON 6/6, 94V-0, BLACK. BIVAR MATERIAL CODE 22-BK.
RTP POLYAMIDE NYLON 6/6, 0200 FR, BLACK OR MODIFIED PLASTICS MN6/6-SE BK.
0.237 [6.0mm]
0.238 [6.0mm]
Ø0.205 [Ø5.2mm]
0.185 [4.7mm]
0.167 [4.2mm]
0.118 [3.0mm]
0.159 [4.0mm]
0.097 [2.5mm]
0.082 [2.1mm]
0.118 [3.0mm]
Recommended Mounting Holes
TYP.
0.363 [9.2mm]
0.082 [2.1mm]
0.097 [2.5mm]
0.159 [4.0mm]
Ø0.035 [Ø0.9mm] TYP.
Ø0.039
+.003
-.002
Ø0.032
+.003
-.002
0.200 [5.1mm]
TYP.




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl