Selected language     English  ā–¼


H-A4A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. H-A4A
Description  CONTACTOR 60 AMP
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
TERMINAL CONFIGURATION AND CIRCUIT DIAGRAMS
SERIES H,HD,HP,HT,HTD,HPT
NOT E : A lthough all configuration and/or terminal type options are available, some combinations may require a setup charge and be subject to minimum
order size.
Date of issue: 01/101
- 64 -
Page 5 of 5
+
B3
B1
C3
C1
X1
X2
C2
B2
TERMINAL TYPE 1
+
-
A2
A1
A3
3 PDT
1
3 PST - N.O.
TERMINAL TYPE 2
-
+
X2
X1
A2
A1
B2
B1
C2
C1
1
+
3 PST - N.O. WITH
SPST - N.O. & SPST - N.C.
AUXILIARY CONTACTS
TERMINAL TYPE 3
+
-
22
23
-
+
X2
12
X1
1
11
A1
C2
B2
C1
A2
B1
+
2
SPST - N.O. AUX.
3 PDT -
WITH
TERMINAL TYPE 4
+
-
-
+
X2
X1
1
A1
A2
A3
B2
B1
C2
B3
C1
11
C3
12
2
+
SPST - N.C. AUX.
3 PDT WITH
TERMINAL TYPE 5
X2
X1
+
-
-
+
A1
A2
A3
B2
B1
C2
B3
C1
23
C3
22
+
2
1
SPST - N.C. DB
WITH 1 PDT AUX.
TERMINAL TYPE 8
+
X2
-
X1
+
A3
1
12
11
13
2
A4
PLEASE CONTACT FACTORY.
CONFIGURATIONS
FOR OTHER VARIATIONS OF TERMINAL
TERMINAL TYPES NOT ILLUSTRATED
IS A GENERAL CATAGORY USED FOR ALL
TERMINAL TYPE 9
MOUNTING STYLE "C" ONLY
SPDT AUX.
3 PDT WITH
TERMINAL TYPE 7
B3
+
-
-
+
X2
X1
1
A3
A1
A2
B2
B1
13
C3
C2
C1
11
12
+
2
SPST - N.O. DM
SPST - N.C. AUX.
WITH SPST - N.O.
TERMINAL TYPE 6
X2
-
X1
+
11
12
1
A1
22
23
2
+
A2
WITH 1PDT AUX.
SPDT - DB/DM
TERMINAL TYPE 10
+
A3
X2
-
X1
+
A1
1
12
11
13
A4
2
A2
3.17
MAX
TERMINAL TYPE 1, 4, 5
TERMINAL TYPE 7
3.17
MAX
STANDARD
COIL
"A","B","C","F"
X2
X1
-
+
+
SUPPRESSED
COIL
"N"
X2
X1
-
+
+
TERMINAL TYPE 2, 3, 6, 8, 10
2.50
MAX
POLARITY INDICATION APPLIES TO D.C. COILS ONLY
NOTE: OTHER AUXILIARY CONTACT FORMS ARE
28 VDC OR 115 VAC
VOLTAGE (SECONDS)
CONTACT BOUNCE AT NOMINAL
AVAILABLE. PLEASE CONTACT FACTORY.
RESISTIVE
LAMP
INDUCTIVE
AUXILIARY CONTACT RATING:
1
2
.004 MAX
5 AMP
1 AMP
3 AMP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl