Selected language     English  ā–¼


H-A4A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. H-A4A
Description  CONTACTOR 60 AMP
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 6 page
background image
Application notes
NĀ°101
DERATING OF CONTACTS FOR DC VOLTAGES
ABOVE NOMINAL RATING
To establish a standard for the derating of relay contacts is, at best, a subjective practice. Limitations are governed by the type
of relay, contact gap, maximum voltage capabilities of the relay contact system, and the contact material.
The most common method is to derate the contacts by use of the Power Formula, using the known current and voltage.
This method is valid only for Resistive Loads, and is an approximation only; keeping in mind the limitations mentioned above.
Power = IE (Current x Voltage)
I2 E2 = 2/3 I1E1
Example:
A designer is working with a 55 volt DC system and has a relay rated at 10 amps resistive at 28 volts DC.
What is the maximum current that can be switched at 55 Vdc.
I1 = 10 Amperes
E1 = 28 VDC
E2 = 55 VDC
I2 = ? (Current ratings at 55 VDC Resistive)
I2 E2 = 2 I1 E1/3
I2 = 2 I1 E1/E23
= 2 (10 x 28)/55 x 3
= 560/165
I2 = 3.4 Amperes at 55VDC
In addition, the user should always be concerned about the following:
1. Derating contacts that are rated for less than 10 Amperes at nominal voltage.
2. Derating contacts for use in system voltages above 130 Volts DC
Date of issue: 6/00
- 14 -
Page 1 of 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl