Selected language     English  ▼


H-A4A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. H-A4A
Description  CONTACTOR 60 AMP
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 1 page
background image
ENGINEERING DATA SHEET
SERIES H,HD,HP,HT,HTD,HPT
CONTACTOR
60 AMP
APPLICATION NOTES:
101
102
104
105
007
Balanced-Force Design
Hermetically sealed
Designed to the
performance
standards of
MIL-PRF-6106
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
28 Vdc and 115 Vac,400 Hz, 1 Ø
and 115/200 Vac 400Hz, 3 Ø
Weight
400 g
Special units available upon request, including models with auxiliary
contacts. Optional Ground Fault Protection (GEP) Feature Available.
Contact factory for information on MIL-qualified part numbers.
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating per pole
and load type [1]
Load current in Amps
28 Vdc
115 Vac
400 Hz
115/200 Vac
400 Hz
115 Vac
60 Hz
DELTA
Resistive
Inductive [2]
Motor
Intermediate current
Load transfer [3]
50
20
20
10
-
50 [5]
20 [5]
-
-
-
60
60
-
-
12.5/60
65 [5]
65 [5]
-
-
12.5/60
60
60
40
15
12.5/60
30
30
30
-
-
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
.
.
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
.
.
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 01/11
- 60 -
Page 1 of 5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl