Selected language     English  ā–¼


H-A4A Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. H-A4A
Description  CONTACTOR 60 AMP
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 10 page
background image
Application notes
NĀ°105
AIRCRAFT GROUND FAULT DETECTION AND PROTECTION
Leach International, the innovator of the "Smart Contactor" in response to the need for ground fault protection, has developed
several contactors with capabilities to detect and isolate ground faults. As aircraft become more electrical and, as existing
aircraft age, the problems with wiring and wire harnesses become more significant. Incidents resulting in catastrophic loss of
aircraft have been attributed to faults of this category. Conventional electromechanical protection devices, i.e., circuit breakers
are not suitable for detecting and isolating this type of fault. The use of a Ground Fault Sensing Contactor (GFSC) provides
protection for personnel and equipment against this type of fault.
Ground Fault Concept
The concept of ground fault detection is an established and proven technique. A common method of fault detection is to
compare the total electrical current flowing to the load with the current that returns from the load. A difference between these
two values indicates that the current is returning to the source through an unexpected path, i.e., ground fault.
Several configurations of these devices have been designed and developed for airborne applications and are currently flying
on a number of commercial aircraft. These units have the capability to compare the load current through the device versus
current measured by an external sensor and trip (open) the contactor if the difference between the current values exceeds a
predefined level. The external sensor is normally used on the return path of the current to its source; therefore comparison is
performed between the input current (to the load) and the output current (from the load).
LEACH Ground Fault Protection
The Ground Fault Protection (GFP) feature may be incorporated into existing Leach International products. The "H" contactor,
for example, is a 3PDT device that is used extensively in aircraft and military vehicle electrical systems. This device, rated for
60 amperes, is fairly compact and light. Leach, using
miniaturization techniques and exotic magnetic material has
managed to incorporate the GFP within this assembly with
minimal impact to its size. The interface and the footprint of this
unit remains intact, allowing direct replacement of existing units
with units featuring GFP. The height of the unit is increased by
.40" and its weight is increased by only 2 ounces.
One of the major achievements with this design is the reduction
in "release" time of the contactor. Due to potential danger of a
fault, it should be expeditiously interrupted and isolated. The
normal release time of the contactors (greater than 20 ms) is not
acceptable for this application. Personnel injury (electrocution)
and substantial damage to the wiring or aircraft equipment could
occur within this period. It is imperative that the fault be detected
and interrupted within 10 ms or faster to minimize the damage.
Leach, with the aid of a proprietary circuit, has managed to
reduce the release time of the contactor to less than 8 ms
without any degradation to its performance.
The GFP circuit can be incorporated in a majority of Leach International products including smaller relays. Obviously, the
determinant for the size of the relay is the potential fault current.
Date of issue: 3/02
- 24 -
Page 1 of 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl