Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JL-D4N-300L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JL-D4N-300L
Description  RELAY - LATCH 2 PDT, 12 AMP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JL-D4N-300L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JL-D4N-300L Datasheet HTML 1Page - List of Unclassifed Manufacturers JL-D4N-300L Datasheet HTML 2Page - List of Unclassifed Manufacturers JL-D4N-300L Datasheet HTML 3Page - List of Unclassifed Manufacturers JL-D4N-300L Datasheet HTML 4Page - List of Unclassifed Manufacturers JL-D4N-300L Datasheet HTML 5Page - List of Unclassifed Manufacturers JL-D4N-300L Datasheet HTML 6Page - List of Unclassifed Manufacturers JL-D4N-300L Datasheet HTML 7Page - List of Unclassifed Manufacturers JL-D4N-300L Datasheet HTML 8Page - List of Unclassifed Manufacturers JL-D4N-300L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ENGINEERING DATA SHEET
SERIES JL
RELAY - LATCH
2 PDT, 12 AMP
APPLICATION NOTES:
101
102
103D
007
023
APPLICABLE SOCKET:
SO-1055-8690/10147
Magnetic latch operation
All welded construction
Contact arrangement
2 PDT
Designed to the
performance standards of
MIL-PRF-83536
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
28 Vdc; 115 Vac, 400 Hz, 1Ø
and 115/200 Vac, 400 Hz 3Ø
Weight
0.088lb max
Dimensions
1.01in x .51in x 1.00in
Detail specifications and ordering data appear on the following
pages.
CONTACT ELECTRICAL CHARACTERISTICS
Contact rating
per pole and load
type [1]
Load current in Amps
@28 Vdc
@115 Vac
400 Hz
@115/200 Vac, 400 Hz, 3Ø
@115/200 Vac, 60 Hz, 3Ø [6]
Resistive
Inductive [5]
Motor
Lamp
Overload
Rupture
12
8
4
2
40
50
12
8
4
2
60
80
12
8
4
2
60
80
2.5
2.5
2
1
N/A
N/A
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
.
.
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
.
.
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 07/10
- 113 -
Page 1 of 4


Similar Part No. - JL-D4N-300L

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
JL-D4N LEACH-JL-D4N Datasheet
665Kb / 5P
   RELAY – LATCH 2 PDT, 12 AMP
More results

Similar Description - JL-D4N-300L

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
   RELAY – LATCH 2 PDT, 12 AMP
logo
List of Unclassifed Man...
GP250 ETC1-GP250 Datasheet
517Kb / 9P
   RELAY - LATCH 2 PDT, 2 AMP
logo
Leach International Cor...
KL-A1F LEACH-KL-A1F Datasheet
494Kb / 5P
   RELAY – LATCH 4 PDT, 12 AMP
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
   RELAY – NONLATCH 2 PDT, 12 AMP
JCL LEACH-JCL Datasheet
686Kb / 5P
   RELAY LATCH 1 PDT, 25 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
   RELAY – NONLATCH 4 PDT, 12 AMP
logo
List of Unclassifed Man...
J-A4R-300M ETC2-J-A4R-300M Datasheet
873Kb / 10P
   RELAY - NONLATCH 2 PDT, 12 AMPS
J-J7N-300L ETC2-J-J7N-300L Datasheet
873Kb / 10P
   RELAY - NONLATCH 2 PDT, 12 AMPS
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
   RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com