Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V4NSYRUL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # V4NSYRUL
Description  Preferred Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NSYRUL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  V4NSYRUL Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NSYRUL Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NSYRUL Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NSYRUL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
28
www.saia-switch.com
Saia microswitches
saia-switch@johnsonelectric.com
V4NS
Basic type
V4NS
Type of sealing/
No symbol, sealed IP67, standard travel
Overtravel
B
Sealed IP67
with extended overtravel (0,5 mm)
Terminals
No symbol, pre-wired 500 mm with cable box (V4NS/B only)
T7
Solder
2,95 • 0,5 • 3,6 long
T8
PCB
0,8 • 0,5 • 4,0 long
T9
Faston
2,8 • 0,5 • 8,1 long
T81
Formed PCB
0,8 • 0,5 • 3,8 long
T82
Formed PCB
0,8 • 0,5 • 3,8 long
Circuit
No symbol, change-over
C2
Normally closed
C4
Normally open
Actuators
No symbol, without lever
Y1
Plain lever
18,0 mm
Y2
Plain lever
25,0 mm
Y3
Plain lever
32,0 mm
YC
Cam follower lever 18,5 mm
YR
Roller lever
16,0 mm
QA
Long overtravel actuator available on request
Other actuators on special request
Actuator Position
No symbol, without lever, or lever fitted at the end nearest to the Plunger
0
With lever fitted at end opposite to plunger
Contact Material
No symbol, Fine silver
X
Gold alloy on silver palladium crosspoint
Approvals
UL
UL, CSA and ENEC approval
Special Features
/
□□□□ Saia specialise in customer specific solutions.
Additional product variants are available or can be provided.
If your requirements cannot be satisfied from the options listed,
please contact www.saia-burgess.com or your local SB outlet.
Ordering Reference
Example: V4NS
B
T7
C2
Y1
0
X
UL


Similar Part No. - V4NSYRUL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V4NSYRUL ETC2-V4NSYRUL Datasheet
371Kb / 4P
   solder, 2,8 mm faston and PCB terminals
V4NSYRUL ETC2-V4NSYRUL Datasheet
105Kb / 4P
   Snap-action Microswitches
V4NSYRUL ETC2-V4NSYRUL Datasheet
125Kb / 4P
   sealed (IP67)
More results

Similar Description - V4NSYRUL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
logo
List of Unclassifed Man...
EL1602B_1602K ETC-EL1602B_1602K Datasheet
745Kb / 1P
   Preferred type
logo
Japan Aviation Electron...
SRCN6A25-24P JAE-SRCN6A25-24P Datasheet
290Kb / 8P
   Preferred Connector
logo
List of Unclassifed Man...
FI-S20P-HFE ETC2-FI-S20P-HFE Datasheet
383Kb / 9P
   Preferred connector products
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
Microsemi Corporation
RT100KP33A MICROSEMI-RT100KP33A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
Protek Devices
PMPS150-1812 PROTEC-PMPS150-1812 Datasheet
544Kb / 6P
   Surface mount PTC devices are the preferred over-current protection method for computer
logo
International Rectifier
IRFP140PBF IRF-IRFP140PBF Datasheet
1Mb / 8P
   Preferred for commercail-industrial applications where higher power levels preclude the use of TO-220 devices.
logo
Murata Manufacturing Co...
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
   Maximum Range
SCL1700-D01 MURATA-SCL1700-D01 Datasheet
161Kb / 2P
   Maximum Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com