Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V4NST7YCUL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V4NST7YCUL
Description  Preferred Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4NST7YCUL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V4NST7YCUL Datasheet HTML 1Page - List of Unclassifed Manufacturers V4NST7YCUL Datasheet HTML 2Page - List of Unclassifed Manufacturers V4NST7YCUL Datasheet HTML 3Page - List of Unclassifed Manufacturers V4NST7YCUL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.saia-switch.com
27
Saia microswitches
saia-switch@johnsonelectric.com
V4NS
Operating Characteristics
Actuating
Release
Free
Operating
Movement
Actuator
Reference
Force
Force
Position
Position
Differential
Maximum
Minimum
Maximum
Maximum
(N)
(ozf)
(N)
(ozf)
(mm)
(in)
(mm)
(in)
(mm)
(in)
Plunger
V4NST7UL
2,5
9,00
0,30
1,00
9,2
0,36
8,4 ± 0,3 0,33 ± 0,012
0,1
0,004
V4NSUL
2,5
9,00
0,30
1,00
9,2
0,36
8,4 ± 0,3 0,33 ± 0,012
0,1
0,004
Y1 lever
V4NST7Y1UL
0,9
3,20
0,07
0,25
13,2
0,52
10,6 ± 1,2 0,42 ± 0,05
0,4
0,016
V4NSY1UL
0,9
3,20
0,07
0,25
13,2
0,52
10,6 ± 1,2 0,42 ± 0,05
0,4
0,016
Width of lever 4,0 mm/0,16 in
YC lever
V4NST7YCUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1,2 0,61 ± 0,05
0,4
0,016
V4NSYCUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1,2 0,61 ± 0,05
0,4
0,016
Width of lever 4,0 mm/0,16 in
YR lever
V4NST7YRUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1,2 0,61 ± 0,05
0,4
0,016
V4NSYRUL
0,9
3,20
0,07
0,25
17,8
0,70
15,6 ± 1,2 0,61 ± 0,05
0,4
0,016
Width of lever 4,0 mm/0,16 in
Over travel: Plunger can be depressed flush with housing. The housing should not be used as an end stop.
18.5
[0.73]
18.0
[0.71
]
[0.09]
Ø2.3
18.5
[0.73]
18.0
[0.71
]
[0.09]
Ø2.3
18.0
[0.71
]
[0.09]
Ø2.3


Similar Part No. - V4NST7YCUL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V4NST7YCUL ETC2-V4NST7YCUL Datasheet
125Kb / 4P
   sealed (IP67)
More results

Similar Description - V4NST7YCUL

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
logo
List of Unclassifed Man...
EL1602B_1602K ETC-EL1602B_1602K Datasheet
745Kb / 1P
   Preferred type
logo
Japan Aviation Electron...
SRCN6A25-24P JAE-SRCN6A25-24P Datasheet
290Kb / 8P
   Preferred Connector
logo
List of Unclassifed Man...
FI-S20P-HFE ETC2-FI-S20P-HFE Datasheet
383Kb / 9P
   Preferred connector products
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
Microsemi Corporation
RT100KP33A MICROSEMI-RT100KP33A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
Protek Devices
PMPS150-1812 PROTEC-PMPS150-1812 Datasheet
544Kb / 6P
   Surface mount PTC devices are the preferred over-current protection method for computer
logo
International Rectifier
IRFP140PBF IRF-IRFP140PBF Datasheet
1Mb / 8P
   Preferred for commercail-industrial applications where higher power levels preclude the use of TO-220 devices.
logo
Murata Manufacturing Co...
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
   Maximum Range
SCL1700-D01 MURATA-SCL1700-D01 Datasheet
161Kb / 2P
   Maximum Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com