Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V9MLA0402LN Datasheet(PDF) 2 Page - Littelfuse

Part # V9MLA0402LN
Description  Surface Mount Multilayer Varistors (MLVs) MLA Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V9MLA0402LN Datasheet(HTML) 2 Page - Littelfuse

  V9MLA0402LN Datasheet HTML 1Page - Littelfuse V9MLA0402LN Datasheet HTML 2Page - Littelfuse V9MLA0402LN Datasheet HTML 3Page - Littelfuse V9MLA0402LN Datasheet HTML 4Page - Littelfuse V9MLA0402LN Datasheet HTML 5Page - Littelfuse V9MLA0402LN Datasheet HTML 6Page - Littelfuse V9MLA0402LN Datasheet HTML 7Page - Littelfuse V9MLA0402LN Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2013 Littelfuse, Inc.
40
Revised: December 16, 2013
Varistor Products
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Device Ratings and Specifications
Part Number
Maximum Ratings (125º C)
Specifications (25ºC)
Maximum
Continuous
Working Voltage
Maximum Non-
repetitive Surge
Current (8/20
µs)
Maximum Non-
repetitive Surge
Energy (10/1000
µs)
Maximum Clamping
Voltage at 1A (or as
Noted) (8/20
µs)
Nominal Voltage
at 1mA DCTest
Current
Typical
Capacitance
at f = 1MHz
V
M(DC)
V
M(AC)
I
TM
W
TM
V
C
V
N(DC)
Min
V
N(DC)
Max
C
(V)
(V)
(A)
(J)
(V)
(V)
(V)
(pF)
V3.5MLA0603N5
3.5
2.5
30
0.100
13.0
3.7
7.0
1270
V3.5MLA0805N
3.5
2.5
120
0.300
13.0
3.7
7.0
2530
V3.5MLA0805LN
3.5
2.5
40
0.100
13.0
3.7
7.0
1380
V3.5MLA1206N
3.5
2.5
100
0.300
13.0
3.7
7.0
6000
V5.5MLA0402N
5.5
4.0
20
0.050
21.0
7.1
10.8
220
V5.5MLA0402LN
5.5
4.0
20
0.050
39.0
15.9
21.5
70
V5.5MLA0603N5
5.5
4.0
30
0.100
17.5
7.1
9.3
500
V5.5MLA0603LN4
5.5
4.0
30
0.100
17.5
7.1
9.3
450
V5.5MLA0805N
5.5
4.0
120
0.300
17.5
7.1
9.3
1840
V5.5MLA0805LN
5.5
4.0
40
0.100
17.5
7.1
9.3
400
V5.5MLA1206N
5.5
4.0
150
0.400
17.5
7.1
9.3
3500
V9MLA0402N
9.0
6.5
20
0.050
30.0
11.0
16.0
120
V9MLA0402LN
9.0
6.5
4
0.020
35.0
11.0
16.0
33
V9MLA0603N5
9.0
6.5
30
0.100
25.5
11.0
16.0
490
V9MLA0603LN4
9.0
6.5
30
0.100
25.5
11.0
16.0
360
V9MLA0805LN
9.0
6.5
40
0.100
25.5
11.0
16.0
520
V12MLA0805LN
12.0
9.0
40
0.100
29.0
14.0
18.5
410
V14MLA0402N
14.0
10.0
20
0.050
39.0
15.9
21.5
70
V14MLA0603N
14.0
10.0
30
0.100
34.5
15.9
21.5
180
V14MLA0805N
14.0
10.0
120
0.300
32.0
15.9
20.3
560
V14MLA0805LN
14.0
10.0
40
0.100
32.0
15.9
20.3
320
V14MLA1206N
14.0
10.0
150
0.400
32.0
15.9
20.3
1400
V18MLA0402N
18.0
14.0
20
0.050
50.0
22.0
28.0
40
V18MLA0603N
18.0
14.0
30
0.100
50.0
22.0
28.0
120
V18MLA0805N
18.0
14.0
120
0.300
44.0
22.0
28.0
520
V18MLA0805LN
18.0
14.0
40
0.100
44.0
22.0
28.0
290
V18MLA1206N
18.0
14.0
150
0.400
44.0
22.0
28.0
1270
V18MLA1210N
18.0
14.0
500
2.500
44.0 at 2.5
22.0
28.0
1440
V26MLA0603N
26.0
20.0
30
0.100
60.0
31.0
38.0
110
V26MLA0805N
26.0
20.0
100
0.300
60.0
29.5
38.5
220
V26MLA0805LN
26.0
20.0
40
0.100
60.0
29.5
38.5
140
V26MLA1206N
26.0
20.0
150
0.600
60.0
29.5
38.5
600
V26MLA1210N
26.0
20.0
300
1.200
60.0 at 2.5
29.5
38.5
1040
V30MLA0603N
30.0
25.0
30
0.100
74.0
37.0
46.0
90
V30MLA0805LN
30.0
25.0
30
0.100
72.0
37.0
46.0
90
V30MLA1206N
30.0
25.0
180
1.000
67.0
35.0
43.0
500
V30MLA1210N
30.0
25.0
280
1.200
68.0 at 2.5
35.0
43.0
1820
V30MLA1210LN
30.0
25.0
220
0.900
68.0 at 2.5
35.0
43.0
1760
V33MLA1206N
33.0
26.0
180
0.800
75.0
38.0
49.0
500
V42MLA1206N
42.0
30.0
180
0.800
92.0
46.0
60.0
425
V48MLA1206N
48.0
40.0
180
0.900
100
54.5
66.5
350
V48MLA1210N
48.0
40.0
250
1.200
105.0 at 2.5
54.5
66.5
520
V48MLA1210LN
48.0
40.0
220
0.900
105.0 at 2.5
54.5
66.5
500
V56MLA1206N
56.0
40.0
180
1.000
120.0
61.0
77.0
180
V60MLA1210N
60.0
50.0
250
1.500
130.0at2.5
67.0
83.0
440
V68MLA1206N
68.0
50.0
180
1.000
140.0
76.0
90.0
100
V85MLA1210N
85.0
67.0
250
2.500
180.0 at 2.5
95.0
115.0
260
NOTES:1 'L'suffixisalowcapacitanceandenergyversion;ContactyourLittelfusesalesrepresentativeforcustomcapacitancerequirements
2 Typical leakage at 25ºC<25µA, maximum leakage 100µA at V
M(DC);for0402size,typicalleakage<5µA, maximum leakage <20µA at VM(DC)
3 Averagepowerdissipationoftransientsfor0402,0603,0805,1206and1210sizesnottoexceed0.03W,0.05W,0.1W,0.1Wand0.15Wrespectively
4 Itemisavailableas'R'packingoptiononly.All0402sizeitemsavailableas'R'packagingoptiononly.SeePackagingsectionforadditionalinformation.
5 Itemisavailablein'H','T'and'A'packingoptiononly.All0805,1206and1210partscomeas'H','T'and'A'packingoptiononly.SeePackagingsectionforadditionalinformation.


Similar Part No. - V9MLA0402LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V9MLA0402LN LITTELFUSE-V9MLA0402LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V9MLA0402LN LITTELFUSE-V9MLA0402LN Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V9MLA0402LN LITTELFUSE-V9MLA0402LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V9MLA0402LN LITTELFUSE-V9MLA0402LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V9MLA0402LN LITTELFUSE-V9MLA0402LN Datasheet
875Kb / 8P
   MLA Varistor Seriesv
More results

Similar Description - V9MLA0402LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26MLA0805NH LITTELFUSE-V26MLA0805NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206NH LITTELFUSE-V26MLA1206NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA0805LNH LITTELFUSE-V30MLA0805LNH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V85MLA1210H LITTELFUSE-V85MLA1210H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V26MLA0805H LITTELFUSE-V26MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0805LNH LITTELFUSE-V26MLA0805LNH Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0603A LITTELFUSE-V26MLA0603A Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V48MLA1210NH LITTELFUSE-V48MLA1210NH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V30MLA0805LH LITTELFUSE-V30MLA0805LH Datasheet
380Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V120MLA1210H LITTELFUSE-V120MLA1210H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com