Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14MLA0805N Datasheet(PDF) 6 Page - Littelfuse

Part # V14MLA0805N
Description  Surface Mount Multilayer Varistors (MLVs) MLA Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14MLA0805N Datasheet(HTML) 6 Page - Littelfuse

  V14MLA0805N Datasheet HTML 1Page - Littelfuse V14MLA0805N Datasheet HTML 2Page - Littelfuse V14MLA0805N Datasheet HTML 3Page - Littelfuse V14MLA0805N Datasheet HTML 4Page - Littelfuse V14MLA0805N Datasheet HTML 5Page - Littelfuse V14MLA0805N Datasheet HTML 6Page - Littelfuse V14MLA0805N Datasheet HTML 7Page - Littelfuse V14MLA0805N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2013 Littelfuse, Inc.
44
Revised: December 16, 2013
Varistor Products
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Lead (Pb) Soldering Recommendations
Theprincipaltechniquesusedforthesolderingof
components in surface mount technology are IR Re-flow
and Wave soldering. Typical profiles are shown on the right.
The recommended solder for the MLA suppressor is
a62/36/2(Sn/Pb/Ag),60/40(Sn/Pb)or63/37(Sn/Pb).
Littelfuse also recommends an RMA solder flux.
Wave soldering is the most strenuous of the processes.
To avoid the possibility of generating stresses due to
thermal shock, a preheat stage in the soldering process
is recommended, and the peak temperature of the solder
process should be rigidly controlled.
When using a reflow process, care should be taken to
ensure that the MLA chip is not subjected to a thermal
gradientsteeperthan4degreespersecond;theideal
gradient being 2 degrees per second. During the soldering
process,preheatingtowithin100degreesofthesolder's
peak temperature is essential to minimize thermal shock.
Oncethesolderingprocesshasbeencompleted,itis
still necessary to ensure that any further thermal shocks
areavoided.Onepossiblecauseofthermalshockishot
printed circuit boards being removed from the solder
process and subjected to cleaning solvents at room
temperature. The boards must be allowed to cool gradually
to less than 50º C before cleaning.
Lead–free (Pb-free) Soldering Recommendations
Littelfuse offers the Nickel Barrier Termination option (see
"N"suffixinPartNumberingSystemforordering)forthe
optimum Lead–free solder performance, consisting of a
Matte Tin outer surface plated on Nickel underlayer, plated
on Silver base metal.
Thepreferredsolderis96.5/3.0/0.5(SnAgCu)withanRMA
flux, but there is a wide selection of pastes and fluxes
available with which the Nickel Barrier parts should be
compatible.
The reflow profile must be constrained by the maximums
intheLead–freeReflowProfile.ForLead–freewave
soldering,theWaveSolderProfilestillapplies.
Note: the Lead–free paste, flux and profile were used for
evaluation purposes by Littelfuse, based upon industry
standards and practices. There are multiple choices of all
three available, it is advised that the customer explores the
optimum combination for their process as processes vary
considerably from site to site.
FIGURE 14. REFLOW SOLDER PROFILE
FIGURE 15.WAVE SOLDER PROFILE
FIGURE 16. LEAD-FREE RE-FLOW SOLDER PROFILE
TIME (MINUTES)
300
250
200
150
100
50
0
0.0
0.5
1.01.5
2.0
2.5
3.0
3.5
4.0
4.5
MAXIMUM WAVE 260°C
SECOND PREHEAT
FIRST PREHEAT
MAXIMUM TEMPERATURE 260˚C,
TIME WITHIN 5˚C OF PEAK
20 SECONDS MAXIMUM
PREHEAT ZONE
RAMP RATE
<3˚C/s
60 - 150 SEC
> 217˚C
PREHEAT ZONE
PREHEAT DWELL
RAMP RATE
<2°C/s
MAXIMUM TEMPERATURE
230°C
TIME (MINUTES)
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40-80
SECONDS
ABOVE 183°C
TIME (MINUTES)
300
250
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
FIGURE 14. REFLOW SOLDER PROFILE
FIGURE 15.WAVE SOLDER PROFILE
FIGURE 16. LEAD-FREE RE-FLOW SOLDER PROFILE
TIME (MINUTES)
300
250
200
150
100
50
0
0.0
0.5
1.01.5
2.0
2.5
3.0
3.5
4.0
4.5
MAXIMUM WAVE 260°C
SECOND PREHEAT
FIRST PREHEAT
MAXIMUM TEMPERATURE 260˚C,
TIME WITHIN 5˚C OF PEAK
20 SECONDS MAXIMUM
PREHEAT ZONE
RAMP RATE
<3˚C/s
60 - 150 SEC
> 217˚C
PREHEAT ZONE
PREHEAT DWELL
RAMP RATE
<2°C/s
MAXIMUM TEMPERATURE
230°C
TIME (MINUTES)
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40-80
SECONDS
ABOVE 183°C
TIME (MINUTES)
300
250
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
FIGURE 14. REFLOW SOLDER PROFILE
FIGURE 15.WAVE SOLDER PROFILE
FIGURE 16. LEAD-FREE RE-FLOW SOLDER PROFILE
TIME (MINUTES)
300
250
200
150
100
50
0
0.0
0.5
1.01.5
2.0
2.5
3.0
3.5
4.0
4.5
MAXIMUM WAVE 260°C
SECOND PREHEAT
FIRST PREHEAT
MAXIMUM TEMPERATURE 260˚C,
TIME WITHIN 5˚C OF PEAK
20 SECONDS MAXIMUM
PREHEAT ZONE
RAMP RATE
<3˚C/s
60 - 150 SEC
> 217˚C
PREHEAT ZONE
PREHEAT DWELL
RAMP RATE
<2°C/s
MAXIMUM TEMPERATURE
230°C
TIME (MINUTES)
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40-80
SECONDS
ABOVE 183°C
TIME (MINUTES)
300
250
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Reflow Solder Profile
Wave Solder Profile
Lead–free Re-flow Solder Profile
Figure 14
Figure 15
Figure 16


Similar Part No. - V14MLA0805N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14MLA0805N LITTELFUSE-V14MLA0805N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V14MLA0805N LITTELFUSE-V14MLA0805N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V14MLA0805N LITTELFUSE-V14MLA0805N Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V14MLA0805N LITTELFUSE-V14MLA0805N Datasheet
875Kb / 8P
   MLA Varistor Seriesv
V14MLA0805N LITTELFUSE-V14MLA0805N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V14MLA0805N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26MLA0805NH LITTELFUSE-V26MLA0805NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206NH LITTELFUSE-V26MLA1206NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA0805LNH LITTELFUSE-V30MLA0805LNH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V85MLA1210H LITTELFUSE-V85MLA1210H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V26MLA0805H LITTELFUSE-V26MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0805LNH LITTELFUSE-V26MLA0805LNH Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0603A LITTELFUSE-V26MLA0603A Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V48MLA1210NH LITTELFUSE-V48MLA1210NH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V30MLA0805LH LITTELFUSE-V30MLA0805LH Datasheet
380Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V120MLA1210H LITTELFUSE-V120MLA1210H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com