Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V18MLA1210N Datasheet(PDF) 8 Page - Littelfuse

Part # V18MLA1210N
Description  Surface Mount Multilayer Varistors (MLVs) MLA Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18MLA1210N Datasheet(HTML) 8 Page - Littelfuse

  V18MLA1210N Datasheet HTML 1Page - Littelfuse V18MLA1210N Datasheet HTML 2Page - Littelfuse V18MLA1210N Datasheet HTML 3Page - Littelfuse V18MLA1210N Datasheet HTML 4Page - Littelfuse V18MLA1210N Datasheet HTML 5Page - Littelfuse V18MLA1210N Datasheet HTML 6Page - Littelfuse V18MLA1210N Datasheet HTML 7Page - Littelfuse V18MLA1210N Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2013 Littelfuse, Inc.
46
Revised: December 16, 2013
Varistor Products
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html or MLA.html for current information.
Tape and Reel Specifications
Symbol
Description
Dimensions in Millimeters
0402 Size
0603, 0805, 1206 & 1210 Sizes
A
0
Width of Cavity
Dependent on Chip Size to Minimize Rotation.
B
0
Length of Cavity
Dependent on Chip Size to Minimize Rotation.
K
0
Depth of Cavity
Dependent on Chip Size to Minimize Rotation.
W
Width of Tape
8-/+0.2
8-/+0.3
F
Distance Between Drive Hole Centers and Cavity Centers
3.5-/+0.05
3.5-/+0.05
E
Distance Between Drive Hole Centers and Tape Edge
1.75-/+0.1
1.75-/+0.1
P
1
Distance Between Cavity Centers
2-/+0.05
4-/+0.1
P
2
Axial Drive Distance Between Drive Hole Centers & Cavity Centers
2-/+0.1
2-/+0.1
P
0
Axial Drive Distance Between Drive Hole Centers
4-/+0.1
4-/+0.1
D
0
Drive Hole Diameter
1.55-/+0.05
1.55-/+0.05
D
1
DiameterofCavityPiercing
N/A
1.05-/+0.05
T
1
Top Tape Thickness
0.1 Max
0.1 Max
NOTES:
•ConformstoEIA-481-1,RevisionA
•CanbesuppliedtoIECpublication286-3
K0
t1
D0
P0
D1
P1
A0
P2
B0
F
E
W
For T and H Pack Options: PLASTIC CARRIER TAPE
For R Pack Options: EMBOSSED PAPER CARRIER TAPE
EMBOSSMENT
TOP TAPE
8mm
NOMINAL
PRODUCT
IDENTIFYING
LABEL
178mm
OR 330mm
DIA. REEL


Similar Part No. - V18MLA1210N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V18MLA1210N LITTELFUSE-V18MLA1210N Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V18MLA1210N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V26MLA0805NH LITTELFUSE-V26MLA0805NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206NH LITTELFUSE-V26MLA1206NH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V30MLA0805LNH LITTELFUSE-V30MLA0805LNH Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V85MLA1210H LITTELFUSE-V85MLA1210H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V26MLA0805H LITTELFUSE-V26MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0805LNH LITTELFUSE-V26MLA0805LNH Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA0603A LITTELFUSE-V26MLA0603A Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V48MLA1210NH LITTELFUSE-V48MLA1210NH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V30MLA0805LH LITTELFUSE-V30MLA0805LH Datasheet
380Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V120MLA1210H LITTELFUSE-V120MLA1210H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com