Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV225 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV225
Description  RF Power Detector for CDMA and WCDMA
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV225 Datasheet(HTML) 5 Page - Texas Instruments

  LMV225_14 Datasheet HTML 1Page - Texas Instruments LMV225_14 Datasheet HTML 2Page - Texas Instruments LMV225_14 Datasheet HTML 3Page - Texas Instruments LMV225_14 Datasheet HTML 4Page - Texas Instruments LMV225_14 Datasheet HTML 5Page - Texas Instruments LMV225_14 Datasheet HTML 6Page - Texas Instruments LMV225_14 Datasheet HTML 7Page - Texas Instruments LMV225_14 Datasheet HTML 8Page - Texas Instruments LMV225_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LMV225, LMV226, LMV228
www.ti.com
SNWS013K – MAY 2004 – REVISED OCTOBER 2006
2.7 DC and AC Electrical Characteristics (continued)
Unless otherwise specified, all limits are guaranteed to VDD = 2.7V; TJ = 25°C. Boldface limits apply at temperature extremes.
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Variation Due to Temperature
900 MHz, RFIN = 0 dBm
LMV225
+0.64
Referred to 25°C
−1.07
900 MHz, RFIN = 15 dBm
LMV226
+0.05
Referred to 25°C
−0.02
LMV228 uSMD
+0.22
−0.36
LMV228 LLP
+0.87
−0.87
1800 MHz, RFIN = 0 dBm
LMV225
+0.09
Referred to 25°C
−0.86
1800 MHz, RFIN = 15 dBm
LMV226
+0.07
Referred to 25°C
−0.10
LMV228 uSMD
+0.29
−0.57
LMV228 LLP
+1.04
−1.23
dB
1900 MHz, RFIN = 0 dBm
LMV225
+0
Referred to 25°C
−0.69
1900 MHz, RFIN = 15 dBm
LMV226
+0
Referred to 25°C
−0.10
LMV228 uSMD
+0.23
−0.64
LMV228 LLP
+1.05
−1.45
2000 MHz, RFIN = 0 dBm
LMV225
+0
Referred to 25°C
−0.86
2000 MHz, RFIN = 15 dBm
LMV226
+0
Referred to 25°C
−0.29
LMV228 uSMD
+0.27
−0.65
LMV228 LLP
+1.04
−2.02
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV225 LMV226 LMV228


Similar Part No. - LMV225_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
More results

Similar Description - LMV225_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
   RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
[Old version datasheet]   RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
   Production RF Tested, RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_16 Datasheet
2Mb / 37P
[Old version datasheet]   LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
logo
National Semiconductor ...
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
   Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
logo
Texas Instruments
LMH2100 TI1-LMH2100 Datasheet
1Mb / 49P
[Old version datasheet]   50-MHz to 4-GHz 40-dB Logarithmic Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
[Old version datasheet]   LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com