Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E1U06 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPD4E1U06
Description  Quad Channel High Speed ESD Protection Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E1U06 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4E1U06_14 Datasheet HTML 1Page - Texas Instruments TPD4E1U06_14 Datasheet HTML 2Page - Texas Instruments TPD4E1U06_14 Datasheet HTML 3Page - Texas Instruments TPD4E1U06_14 Datasheet HTML 4Page - Texas Instruments TPD4E1U06_14 Datasheet HTML 5Page - Texas Instruments TPD4E1U06_14 Datasheet HTML 6Page - Texas Instruments TPD4E1U06_14 Datasheet HTML 7Page - Texas Instruments TPD4E1U06_14 Datasheet HTML 8Page - Texas Instruments TPD4E1U06_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPD4E1U06
www.ti.com
SLVSBQ9B – DECEMBER 2012 – REVISED FEBRUARY 2013
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating temperature range
–40
125
°C
Storage temperature
–65
155
°C
IEC 61000-4-2 contact ESD
±15
kV
IEC 61000-4-2 air-gap ESD
±15
kV
IPP, peak pulse current (tp = 8/20 μs)
3
A
PPP, peak pulse power (tp = 8/20 μs)
45
W
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO = 10 µA
5.5
V
IPP = 1 A, tp = 8/20 μSec, from I/O to GND
(1)
11
V
Clamp voltage with ESD
VCLAMP
strike
IPP = 3A, tp = 8/20 μSec, from I/O to GND
(1)
15
V
Pin x to GND Pin(2)
1.0
RDYN
Dynamic resistance
Ω
GND to Pin x
0.6
CL
Line capacitance
f = 1 MHz, VBIAS = 2.5 V, 25 °C
0.8
1
pF
DCK package
0.006
0.015
Channel to channel input
Pin 2 = 0 V, f = 1 MHz, VBIAS = 2.5 V, between
CCROSS
pF
capacitance
channel pins
DBV package
0.01
0.025
Variation of channel input
Pin 2 = 0V , f = 1 MHz, VBIAS = 2.5 V, channel_x pin to gnd – channel_y pin to
∆CIO-TO-GND
0.025
0.07
pF
capacitance
gnd
Break-down voltage, IO to
VBR
IIO = 1 mA
6.5
8.5
V
GND
ILEAK
Leakage current
VIO = 2.5 V
1
10
nA
(1)
Non-repetitive current pulse 8/20 us exponentially decaying waveform according to IEC61000-4-5
(2)
Extraction of RDYN using least squares fit of TLP characteristics between I=10A and I=20A
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD4E1U06


Similar Part No. - TPD4E1U06_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06DBVR TI-TPD4E1U06DBVR Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR TECHPUBLIC-TPD4E1U06DBVR Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Texas Instruments
TPD4E1U06DCKR TI-TPD4E1U06DCKR Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
Shanghai Leiditech Elec...
TPD4E1U06DCKR LEIDITECH-TPD4E1U06DCKR Datasheet
415Kb / 3P
   4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results

Similar Description - TPD4E1U06_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06-Q1 TI1-TPD2E2U06-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPD2E2U06 Dual-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
   Dual Channel ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com