Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR0116C Datasheet(PDF) 3 Page - Solid States Devices, Inc

Part # TR0116C
Description  800 mA 75 Volts NPN High Speed Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0116C Datasheet(HTML) 3 Page - Solid States Devices, Inc

  TR0116C Datasheet HTML 1Page - Solid States Devices, Inc TR0116C Datasheet HTML 2Page - Solid States Devices, Inc TR0116C Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0116C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT2222A
Series
LCC4 (-4)
TO-18 (/18)
TO-46 (/46)
Ø.187
.183
.105
.080
.500 MIN
Ø.215
.209
3x Ø.019
.016
Ø.105
.095
.048
.028
.046
.036
45°
1
3
.030 MAX
2


Similar Part No. - TR0116C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0110A SSDI-TR0110A Datasheet
122Kb / 3P
   POWER TRANSISTORS SILICON NPN
TR0113A SSDI-TR0113A Datasheet
82Kb / 2P
   High Power - High Speed NPN Transistors
TR0114A SSDI-TR0114A Datasheet
172Kb / 3P
   High Voltage ??High Energy NPN Transistor
TR0118A SSDI-TR0118A Datasheet
154Kb / 3P
   1 AMP High Voltage NPN Transistor 500-600 Volts
More results

Similar Description - TR0116C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT390604A2 SSDI-SFT390604A2 Datasheet
159Kb / 2P
   Dual Microminiature Package 800 mA 75 Volts NPN/PNP Transistor
SFT2222A2 SSDI-SFT2222A2 Datasheet
43Kb / 2P
   Dual Microminiature Package 800 mA 75 Volts Dual NPN Transistor
SFT3904A2 SSDI-SFT3904A2 Datasheet
184Kb / 3P
   Dual Microminiature Package 800 mA 75 Volts Dual NPN Transistor
SFT3906A2 SSDI-SFT3906A2 Datasheet
34Kb / 2P
   Dual Microminiature Package 800 mA 75 Volts Dual PNP Transistor
SFT700D-28Q SSDI-SFT700D-28Q Datasheet
228Kb / 2P
   DUAL 800 mA 75 V-NPN DUAL 600 mA 60 V-PNP TRANSISTOR
logo
List of Unclassifed Man...
2N5659 ETC-2N5659 Datasheet
272Kb / 6P
   HIGH SPEED NPN TRANSISTOR 120 VOLTS
logo
Solid States Devices, I...
2N5013 SSDI-2N5013 Datasheet
74Kb / 2P
   0.5 AMP 800 - 1000 Volts NPN Transistor
SFT5013-4 SSDI-SFT5013-4 Datasheet
30Kb / 2P
   0.5 AMP 800 - 1000 VOLTS NPN TRANSISTOR
XN0031J SSDI-XN0031J Datasheet
163Kb / 3P
   0.5 AMP, 800 ??900 Volts NPN Transistor
logo
Nexperia B.V. All right...
BCW66 NEXPERIA-BCW66 Datasheet
300Kb / 14P
   45 V, 800 mA NPN general-purpose transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com