Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S015A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S015A
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S015A Datasheet(HTML) 5 Page - Texas Instruments

  TPD12S015A Datasheet HTML 1Page - Texas Instruments TPD12S015A Datasheet HTML 2Page - Texas Instruments TPD12S015A Datasheet HTML 3Page - Texas Instruments TPD12S015A Datasheet HTML 4Page - Texas Instruments TPD12S015A Datasheet HTML 5Page - Texas Instruments TPD12S015A Datasheet HTML 6Page - Texas Instruments TPD12S015A Datasheet HTML 7Page - Texas Instruments TPD12S015A Datasheet HTML 8Page - Texas Instruments TPD12S015A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
ERC
VCCA
5VOUT
1.75k
10k
3.3V (Internal)
26k
ERC
VCCA
5VOUT
1.75k
10k
DC/DC
VCCA
5VOUT
LDO
(IEC) HDMI
ESD Clamp
(x8)
8
5V
5VOUT (IEC)
VCCA
3.3V
(Internal )
VBAT
HPD_B (IEC)
HPD_A
CEC_B (IEC)
SCL_B (IEC)
SDA_B (IEC)
CEC_A
SCL_A
SDA_A
GND
CT_CP_HPD
Dx+, Dx-
CLK+, CLK-
LS_OE
11k
470k
470k
PGND
PGND
SW
FB (IEC)
PGND
VCCA
10k
CT_CP_HPD
LS_OE_INTERNAL
LS_OE_INTERNAL
TPD12S015A
www.ti.com
SLLSE74C – JUNE 2011 – REVISED MARCH 2013
CIRCUIT BLOCK DIAGRAM
‘3.3V (Internal)’ is an internally generated voltage node for the CEC_B output buffer supply reference. An LDO
generates this 3.3V from 5VOUT when LS_OE = H & CT_CP_HPD = H.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD12S015A


Similar Part No. - TPD12S015A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015AYFFR TI1-TPD12S015AYFFR Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
More results

Similar Description - TPD12S015A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
IP4776CZ38 PHILIPS-IP4776CZ38 Datasheet
104Kb / 13P
   Fully integrated HDMI interface with level shifter, ESD and backdrive protection
Rev. 02-18 September 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com