Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR0121A Datasheet(PDF) 4 Page - Solid States Devices, Inc

Part # TR0121A
Description  4 AMP NPN Darlington Power Transistor 80 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0121A Datasheet(HTML) 4 Page - Solid States Devices, Inc

  TR0121A Datasheet HTML 1Page - Solid States Devices, Inc TR0121A Datasheet HTML 2Page - Solid States Devices, Inc TR0121A Datasheet HTML 3Page - Solid States Devices, Inc TR0121A Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0121A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6039
CASE OUTLINES
SMD.3 (S.3):
SMD.5 (S.5):


Similar Part No. - TR0121A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0120A SSDI-TR0120A Datasheet
181Kb / 4P
   4 AMP PNP Darlington Power Transistor 80 Volts
TR0124A SSDI-TR0124A Datasheet
153Kb / 3P
   1 AMP, 500 Volts High Voltage PNP Transistor
TR0124A SSDI-TR0124A Datasheet
153Kb / 3P
   1 AMP, 500 Volts High Voltage PNP Transistor
TR0126B SSDI-TR0126B Datasheet
144Kb / 2P
   50 AMP NPN DARLINGTON TRANSISTOR 400 VOLTS
TR0127A SSDI-TR0127A Datasheet
126Kb / 2P
   1 AMP, 500 Volts High Voltage PNP Transistor
More results

Similar Description - TR0121A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0120A SSDI-TR0120A Datasheet
181Kb / 4P
   4 AMP PNP Darlington Power Transistor 80 Volts
TR0126B SSDI-TR0126B Datasheet
144Kb / 2P
   50 AMP NPN DARLINGTON TRANSISTOR 400 VOLTS
SFT10000-3 SSDI-SFT10000-3 Datasheet
58Kb / 2P
   20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SPT6060-3 SSDI-SPT6060-3 Datasheet
26Kb / 2P
   20 AMP 350 VOLTS NPN DARLINGTON TRANSISTOR
SFT6650-3 SSDI-SFT6650-3 Datasheet
33Kb / 2P
   10 AMP / 80 Volts 50 MHz PNP POWER DARLINGTON BIPOLAR TRANSISTOR
logo
Central Semiconductor C...
CP127-2N6385 CENTRAL-CP127-2N6385 Datasheet
738Kb / 4P
   NPN - Darlington Transistor Die 10 Amp, 80 Volt
R0 28-January 2016
CP127-2N6388 CENTRAL-CP127-2N6388 Datasheet
737Kb / 4P
   NPN - Darlington Transistor Die 10 Amp, 80 Volt
R0 28-January 2016
CP329V-MPSA28 CENTRAL-CP329V-MPSA28 Datasheet
532Kb / 4P
   NPN - Darlington Transistor Die 0.5 Amp, 80 Volt
R0 23-August 2018
CP230-2N6039 CENTRAL-CP230-2N6039 Datasheet
582Kb / 6P
   NPN - Darlington Transistor Die 4.0 Amp, 80 Volt
R0 5-May 2016
logo
Motorola, Inc
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com