Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD12S016 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPD12S016
Description  HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016 Datasheet(HTML) 4 Page - Texas Instruments

  TPD12S016_14 Datasheet HTML 1Page - Texas Instruments TPD12S016_14 Datasheet HTML 2Page - Texas Instruments TPD12S016_14 Datasheet HTML 3Page - Texas Instruments TPD12S016_14 Datasheet HTML 4Page - Texas Instruments TPD12S016_14 Datasheet HTML 5Page - Texas Instruments TPD12S016_14 Datasheet HTML 6Page - Texas Instruments TPD12S016_14 Datasheet HTML 7Page - Texas Instruments TPD12S016_14 Datasheet HTML 8Page - Texas Instruments TPD12S016_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
D1-
D1+
D0-
CLK+
D2-
D2+
CLK-
D0+
ERC
3.3 V (internal) 2
5 V_OUT
1.75 kW
SCL_A
SCL_B
SDA_A
SDA_B
CEC_A
CEC_B
LDO
55mA
Load Switch
5 V_OUT
VCC5V
LDO
CT_HPD1
5 V_OUT
HPD_A
HPD_B
LS_OE1
1.
LS_OE & CT_HPD are active high signal
2.
‘3.3 V (Internal)’ is an internally generated
voltage node for the CEC_B output buffer
supply reference. An LDO generates this
3.3 V from 5VOUT when LS_OE = H &
CT_CP_HPD = H.
470 kW
LS_OE 1
VCCA
LDO
55 mA
Load Switch
1.
2.
V
CCA
10 kW
V
CCA
10 kW
5 V_OUT
1.75 kW
10 kW
V
CCA
26 kW
10 kW
V
CCA
470 kW
3.3 V (internal) 2
ERC
ERC
TPD12S016
SLLSE96D – SEPTEMBER 2011 – REVISED DECEMBER 2012
www.ti.com
CIRCUIT SCHEMATIC DIAGRAM
PIN FUNCTIONS
PIN
PIN TYPE
DESCRIPTION
NAME
RKT
PW
D–, D+
16, 17, 19-
17, 18, 20-23
ESD Terminal
HDMI TMDS Data. Connect to HDMI Controller and HDMI Connector directly.
22
CLK–, CLK+
14, 15
15, 16
ESD Terminal
HDMI TMDS Clock. Connect to HDMI Controller and HDMI Connector directly.
HPD_A
3
4
Output
Hot plug detect Output referenced to VCCA. Connect to HDMI controller Hot plug detect input pin
HPD_B
9
10
Input
Hot plug detect Input. Connect directly to HDMI Connector Hot Plug Detect pin
CEC_A
24
1
IO Port
HDMI controller side CEC signal pin referenced to VCCA. Connect to HDMI controller.
CEC_B
6
7
IO Port
HDMI connector side CEC signal pin referenced to internal 3.3V supply. Connect to HDMI
connector CEC pin.
SCL_A
1
2
IO Port
HDMI controller side SCL signal pin referenced to VCCA. Connect to HDMI controller.
SCL_B
7
8
IO Port
HDMI connector side SCL signal pin referenced to 5V_OUT supply. Connect to HDMI connector
SCL pin.
SDA_A
2
3
IO Port
HDMI controller side SDA signal pin referenced to VCCA. Connect to HDMI controller.
SDA_B
8
9
IO Port
HDMI connector side SDA signal pin referenced to 5V_OUT supply. Connect to HDMI connector
SDA pin.
LS_OE
4
5
Control Input
Disables the Level shifters when OE =L. The OE pin is referenced to VCCA
CT_HPD
11
12
Control Input
Disables the load switch and HPD_B when CT_HPD =L. The CT_HPD is referenced to VCCA
VCC5V
10
11
Input Power
Internal 5V Supply. (Input to the load siwtch.)
VCCA
23
24
Input Power
Internal PCB Low Voltage Supply (Same as the HDMI Controller Chip Supply)
5V_OUT
12
13
Output Power
External 5V Supply. (Output of the load switch.)
GND
5, 13, 18
6, 14, 19
Ground
Connect to System Ground Plane
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links :TPD12S016


Similar Part No. - TPD12S016_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results

Similar Description - TPD12S016_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
TPD12S015A TI1-TPD12S015A_14 Datasheet
1Mb / 35P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS
logo
NXP Semiconductors
PCA9512 PHILIPS-PCA9512 Datasheet
176Kb / 16P
   Level shifting hot swappable I2C and SMBus buffer
2004 Oct 05
logo
Texas Instruments
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI-TPD12S015 Datasheet
1Mb / 27P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com