Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62081 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62081
Description  1.2A High Efficient Step Down Converter with Snooze Mode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62081 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62081 Datasheet HTML 2Page - Texas Instruments TPS62081 Datasheet HTML 3Page - Texas Instruments TPS62081 Datasheet HTML 4Page - Texas Instruments TPS62081 Datasheet HTML 5Page - Texas Instruments TPS62081 Datasheet HTML 6Page - Texas Instruments TPS62081 Datasheet HTML 7Page - Texas Instruments TPS62081 Datasheet HTML 8Page - Texas Instruments TPS62081 Datasheet HTML 9Page - Texas Instruments TPS62081 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS6208x
L1
C1
R1
R2
V
IN
POWER GOOD
SW
VOS
VIN
EN
GND
MODE
PG
FB
C2
R3
V
OUT
C3
TPS62080, TPS62080A
TPS62081, TPS62082
SLVSAE8D – SEPTEMBER 2011 – REVISED JULY 2013
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Table 2. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
C1
10uF, Ceramic Capacitor, 6.3V, X5R, size 0603
Std
22uF, Ceramic Capacitor, 6.3V, X5R, size 0805,
C2
Murata
GRM21BR60J226ME39L
47uF, Tantalum Capacitor, 8V, 35m
Ω, size 3528,
C3
Kemet
T520B476M008ATE035
L1
1.0µH, Power Inductor, 2.2A, size 3x3x1.2mm, XFL3012-102MEB
Coilcraft
Depending on the output voltage of TPS62080, 1%; Not be
R1
populated for TPS62081, TPS62082;
R2
39.2k, Chip Resistor, 1/16W, 1%, size 0603
Std
R3
178k, Chip Resistor, 1/16W, 1%, size 0603
Std
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS62080 TPS62080A TPS62081 TPS62082


Similar Part No. - TPS62081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62081 TI1-TPS62081 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TPS62081 TI-TPS62081 Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62081 TI-TPS62081 Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
More results

Similar Description - TPS62081

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62081DSGR TI-TPS62081DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080DSGR TI-TPS62080DSGR Datasheet
991Kb / 27P
[Old version datasheet]   1.2A High Efficient Step Down Converter with Snooze Mode
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145 Datasheet
310Kb / 16P
   1.2A Step-Down Converter
logo
Texas Instruments
TPS62080 TI-TPS62080_15 Datasheet
971Kb / 27P
[Old version datasheet]   TPS6208x 1.2-A High-Efficiency, Step-Down Converter With DCS-Control??and Snooze Mode
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
   1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com