Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62087 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62087
Description  3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62087 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62087 Datasheet HTML 3Page - Texas Instruments TPS62087 Datasheet HTML 4Page - Texas Instruments TPS62087 Datasheet HTML 5Page - Texas Instruments TPS62087 Datasheet HTML 6Page - Texas Instruments TPS62087 Datasheet HTML 7Page - Texas Instruments TPS62087 Datasheet HTML 8Page - Texas Instruments TPS62087 Datasheet HTML 9Page - Texas Instruments TPS62087 Datasheet HTML 10Page - Texas Instruments TPS62087 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
EN (DC, 5V/div)
Vout (DC, 0.5V/div)
Icoil (DC, 2A/div)
t -- 5 s/div
PG (DC, 5V/div)
EN (DC, 5V/div)
Vout (DC, 0.5V/div)
Icoil (DC, 0.5A/div)
t -- 5ms/div
PG (DC, 5V/div)
EN (DC, 5V/div)
Vout (DC, 0.5V/div)
Icoil (DC, 2A/div)
t -- 200 s/div
PG (DC, 5V/div)
EN (DC, 5V/div)
Vout (DC, 0.5V/div)
Icoil (DC, 0.5A/div)
t -- 200 s/div
PG (DC, 5V/div)
Vout (AC, 20mV/div)
Icoil (DC, 1A/div)
SW (DC, 5V/div)
t -- 500ns/div
Load (DC, 2A/div)
Vout (AC, 50mV/div)
Icoil (DC, 2A/div)
t -- 200 s/div
TPS62085
TPS62086
TPS62087
www.ti.com
SLVSB70 – OCTOBER 2013
PFM Operation, Load = 100 mA
Load Sweep, Load = Open to 3 A
Figure 11.
Figure 12.
Startup, Load = 0.47
Ω
Startup, Load = Open
Figure 13.
Figure 14.
Shutdown, Load = 0.47
Ω
Shutdown, Load = Open
Figure 15.
Figure 16.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS62085 TPS62086 TPS62087


Similar Part No. - TPS62087

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62087 TI1-TPS62087 Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62087RLT TI1-TPS62087RLT Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62087RLTR TI1-TPS62087RLTR Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62087RLTT TI1-TPS62087RLTT Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
More results

Similar Description - TPS62087

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62085 TI1-TPS62085 Datasheet
903Kb / 19P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI-TPS62085_15 Datasheet
929Kb / 25P
[Old version datasheet]   TPS6208x 3-A Step-Down Converter With Hiccup Short-Circuit Protection In 2 횞 2 QFN Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com