Part Name
         Description
2SK2723

 SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE ( 8 Page)


NEC
100% 
Zoom Out Zoom In
   
 2 page
background image
2
2SK2723
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source
RDS (on) 1
VGS = 10 V, ID = 13 A
28
40
m
On-state Resistance
RDS (on) 2
VGS = 4 V, ID = 13 A
45
60
m
Gate to Source Cutoff Voltage
VGS (off)
VDS = 10 V, ID = 1 mA
1.0
1.6
2.0
V
Forward Transfer Admittance
 y fs
VDS = 10 V, ID = 13 A
8.0
18
S
Drain Leakage Current
IDSS
VDS = 60 V, VGS = 0
10
µA
Gate to Source Leakage Current
IGSS
VGS =
±20 V, VDS = 0
±10
µA
Input Capacitance
Ciss
VDS = 10 V
830
pF
Output Capacitance
Coss
VGS = 0
430
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
185
pF
Turn-On Delay Time
td (on)
ID = 13 A
21
ns
Rise Time
tr
VGS (on) = 10 V
185
ns
Turn-Off Delay Time
td (off)
VDD = 30 V
100
ns
Fall Time
tf
RG = 10
110
ns
Total Gate Charge
QG
ID = 25 A
35
nC
Gate to Source Charge
QGS
VDD = 48 V
2.8
nC
Gate to Drain Charge
QGD
VGS = 10 V
15
nC
Body Diode Forward Voltage
VF (S-D)
IF = 25 A, VGS = 0
1.0
V
Reverse Recovery Time
tr r
IF = 25 A, VGS = 0
60
ns
Reverse Recovery Charge
Qr r
di/dt = 100 A/
µs
125
nC
t = 1 s
Duty Cycle
≤ 1 %
VGS
0
RG
VDD
RL
RG = 10
VGS
Wave Form
VGS (on)
ID
td (on)
ton
toff
tr
td (on)
tr
0
10 %
0
10 %
10 %
90 %
90 %
90 %
ID
Wave Form
PG.
D.U.T
VDD
RL
50
PG.
D.U.T
t
µ
IG = 2 mA
Test Circuit 1 Switching Time
Test Circuit 2 Gate Charge
VGS
ID
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1123SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1491SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2361SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2478SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK2724SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK3204SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
2SK3358SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 NEC
UPA1703SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
UPA1726SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC
2SK1492SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE 1 2 3 4 5 MoreNEC

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl