Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC802-09 Datasheet(PDF) 1 Page - Fuji Electric

Part # SC802-09
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

SC802-09 Datasheet(HTML) 1 Page - Fuji Electric

  SC802-09 Datasheet HTML 1Page - Fuji Electric SC802-09 Datasheet HTML 2Page - Fuji Electric SC802-09 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SC802-09 (1A)
(90V / 1A )
Features
Surface-mount device
Low VF
Super high speed switching
High reliability by planer design
Applications
High speed switching
Maximum ratings and characteristics
Absolute maximum ratings
Item
Repetitive peak reverse voltage
Non-repetitive peak reverse voltage
Average output current
Surge current
Operating junction temperature
Storage temperature
Symbol
VRRM
VRSM
Io
IFSM
Tj
Tstg
Conditions
Sine wave
10ms
30
-40 to +150
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (Ta=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Thermal resistance
Symbol
VFM
IRRM
Rth(j-l)
Conditions
IFM=1A
VR=VRRM
Junction to lead
Max.
0.85
2.0
15*
Unit
V
mA
°C/W
tw=500ns, duty=1/40
Resistive load
Tl=110°C
Rating
90
100
1.0*
SCHOTTKY BARRIER DIODE
* Mounted on printed cirrcuit boad (15 x 15mm)
Outline drawings, mm
Marking
3±0.2
5.1-0.1
+0.4
1.35±0.4
1.2±0.2
1.35±0.4
2 MIN.
Marking
ED
Cathode mark
Code
Lot. No


Similar Part No. - SC802-09

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC802-04 FUJI-SC802-04 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04 Datasheet
61Kb / 3P
   SCHOTTKY BARRIER DIODE
SC802-04 FUJI-SC802-04_01 Datasheet
61Kb / 3P
   SCHOTTKY BARRIER DIODE
SC802-06 FUJI-SC802-06 Datasheet
87Kb / 3P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - SC802-09

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com