Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS30-3A Datasheet(PDF) 2 Page - TDK Electronics

Part # HWS30-3A
Description  Single Output Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HWS30-3A Datasheet(HTML) 2 Page - TDK Electronics

  HWS30-3A Datasheet HTML 1Page - TDK Electronics HWS30-3A Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
60
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Revision B3: Jan 2012
HWS Series
For Additional Information, please visit
us.tdk-lambda.com/lp/products/hws-series.htm
Suffix
Description
Blank
Screw terminals, no cover
/A
Screw terminals, cover
/R
Remote on/off (50-150W only)
/HD
See HWS50-1500/HD Datasheet for details. -40 to
+71(74)°C operation, conformally coated PCBs
/ME
See HWS30-1500/ME Datasheet for details.
UL60601-1, EN60601-1 medical approvals
Example: HWS50-24/RA
Options
HWS300-1800
300 to 1800W
LZSA
500W to 1500W Single output
DPP, DLP & DSP
10W to 480W DIN Rail Mount
Other Industrial Products
HWS15 Outline Drawing
(5)
67±0.5
(10)
62±0.5
8
80±1
19MAX
(14)
SEE NOTE C
NAME PLATE
(10.1)
VOLTAGE ADJUSTMENT
5-M3.5
SEE NOTE B
LED
8
AC(L)
AC(N)
FG
-V
+V
NAME PLATE
31.5±1
INPUT : 100-240VAC 0.5 A
OUTPUT : 5 V
3 A
MADE IN JAPAN
BARCODE
50 / 60Hz
HWS15 - 5 /A
SEE NOTE A
45JB
IND.CONT.EQ.
INPUT : 100-240VA 0.5 A 50/60Hz
HWS15 - 5 /A
OUTPUT : 5 V
3 A
R
HWS150 Outline Drawing
NAME PLATE
(14.6)
(17)
135±0.5
8
19MAX
160±1
(15)
131±0.5
(10.7)
VOLTAGE ADJUSTMENT
5-M3.5
2-M4
SEE NOTE C
SEE NOTE B
+V
AC(N)
AC(L)
FG
-S
-V
LED
NAME PLATE
+S
14
42±1
SEE NOTE A
50 / 60Hz
BARCODE
MADE IN JAPAN
HWS150 - 5 /A
INPUT : 100-240VAC
2.0 A
OUTPUT : 5 V
30 A
45JB
IND.CONT.EQ.
HWS150 - 5 /A
OUTPUT : 5 V
30 A
INPUT : 100-240VA 2.0 A 50/60Hz
R
Max Load Line
Ripple
Over
Eff.
Adjust
Curr. Reg
Reg
Noise voltage
typ
Model
Voltage
Range
A
mV
mV
mV
V
% (1)
HWS15-3/A
3.3V
2.97 - 3.96
3
40
20
120
4.13-4.95 68/71
HWS30-3/A
3.3V
2.97 - 3.96
6
40
20
120
4.13-4.95 70/73
HWS50-3/A
3.3V
2.97 - 3.96
10
40
20
120
4.13-4.95 76/78
HWS100-3/A
3.3V
2.97 - 3.96
20
40
20
120
4.13-4.95 78/81
HWS150-3/A
3.3V
2.97 - 3.96
30
40
20
120
4.13-4.95 78/81
HWS15-5/A
5V
4.0 - 6.0
3
40
20
120
6.25-7.25 77/79
HWS30-5/A
5V
4.0 - 6.0
6
40
20
120
6.25-7.25 77/80
HWS50-5/A
5V
4.0 - 6.0
10
40
20
120
6.25-7.25 82/84
HWS100-5/A
5V
4.0 - 6.0
20
40
20
120
6.25-7.25 83/86
HWS150-5/A
5V
4.0 - 6.0
30
40
20
120
6.25-7.25 83/86
HWS15-12/A
12V
9.6 - 14.4
1.3
96
48
150
15-17.4
80/81
HWS30-12/A
12V
9.6 - 14.4
2.5
96
48
150
15-17.4
81/83
HWS50-12/A
12V
9.6 - 14.4
4.3
96
48
150
15-17.4
81/83
HWS100-12/A
12V
9.6 - 14.4
8.5
96
48
150
15-17.4
83/86
HWS150-12/A
12V
9.6 - 14.4
13
96
48
150
15-17.4
83/86
HWS15-15/A
15V
12.0 - 18.0
1
120
60
150
18.8-21.8 80/81
HWS30-15/A
15V
12.0 - 18.0
2
120
60
150
18.8-21.8 81/83
HWS50-15/A
15V
12.0 - 18.0
3.5
120
60
150
18.8-21.8 81/83
HWS100-15/A
15V
12.0 - 18.0
7
120
60
150
18.8-21.8 83/86
HWS150-15/A
15V
12.0 - 18.0
10
120
60
150
18.8-21.8 83/86
HWS15-24/A
24V
19.2 - 28.8 0.65
192
96
200
30-34.8
82/83
HWS30-24/A
24V
19.2 - 28.8
1.3
192
96
200
30-34.8
83/86
HWS50-24/A
24V
19.2 - 28.8
2.2
192
96
150
30-34.8
82/84
HWS100-24/A
24V
19.2 - 28.8
4.5
192
96
150
30-34.8
84/87
HWS150-24/A
24V
19.2 - 28.8
6.5
192
96
150
30-34.8
85/88
HWS15-48/A
48V
38.4 - 52.8 0.33
384
192
200
55.2-64.8 80/80
HWS30-48/A
48V
38.4 - 52.8 0.65
384
192
200
55.2-64.8 82/83
HWS50-48/A
48V
38.4 - 52.8
1.1
384
192
200
55.2-64.8 83/85
HWS100-48/A
48V
38.4 - 52.8
2.1
384
192
200
55.2-64.8 84/87
HWS150-48/A
48V
38.4 - 52.8
3.3
384
192
200
55.2-64.8 85/88
Output Ratings


Similar Part No. - HWS30-3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS30-3/A ETC2-HWS30-3/A Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
More results

Similar Description - HWS30-3A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com