Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1D50AG7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC1D50AG7
Description  Availability Stock Item: This item is normally stocked in our distribution facility.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D50AG7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC1D50AG7 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
LC1D50AG7
Contactor (TeSys D) Non-Reversing, 50A(AC3)
80A(AC1), 3-Pole (3 NO)
List Price
$234.00 USD
Availability Stock Item: This item is normally stocked in our distribution facility.
Horsepower Rating (1-Phase)
3HP@115Vac - 7.5HP@230Vac
Contactor Type
Non-Reversing
Inductive Amperes (AC3)
50A
Resistive Amperes (AC1)
80A
Certifications
UL Listed (E164862 / NLDX) - CSA Certified (LR43364 3211 04) - IEC Rated (60647-4) -
CE Marked - RoHS Compliant
Maximum Voltage Rating
600 Vac
Marketing Trade Name
TeSys
Horsepower Rating (3-Phase)
15HP@200/230Vac - 40HP@460/575Vac
Number of Poles
3-Pole (3 NO)
Coil Voltage
120Vac@50/60Hz
Mounting Style
35mm DIN Rail
Coil Consumption Sealed
13 VA
Coil Voltage Code
G7
Coil Consumption Inrush
140 VA
Terminal Type
Screw Clamp
Weight
0.855 lbs (0.388 kg)
Power Terminal Torque
70 lb-in (8 Nm)
Type
TeSys D
Control Wire Size
#12 to #20 AWG
Power Wire Size
#2 to #16 AWG
Control Terminal Torque
15 lb-in (1.7 Nm)
Technical Characteristics
Category
22345 -
Discount Schedule
I12
GTIN
00785901934622
Package Quantity
1
Weight
2.07 lbs.
Availability Code
Stock Item: This item is normally stocked in our distribution facility.
Returnability
Y
Country of Origin
ID
Shipping and Ordering
As standards, specifications, and designs change from time to time, please ask for confirmation of the information given in this document.
Generated: 04/01/2013 12:15:16
© 2013 Schneider Electric. All rights reserved.
1


Similar Part No. - LC1D50AG7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D50AG7TQ SCHNEIDER-LC1D50AG7TQ Datasheet
106Kb / 4P
   contactor TeSys LC1-D - 3 poles- AC-3 - 440 V 50 A - coil 120 V AC
Aug 11, 2019
More results

Similar Description - LC1D50AG7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DL1BA030 SCHNEIDER-DL1BA030 Datasheet
107Kb / 2P
   BULB Non-Stock - Not normally stocked in distribution facility
Nov 22, 2021
logo
PHOENIX CONTACT
RAD-ISM-900-ANT-OMNI-0-N PHOENIX-RAD-ISM-900-ANT-OMNI-0-N Datasheet
61Kb / 2P
   This item is no longer available. Should you have any questions, please contact our Sales Team.
EMG17-OE-5DC PHOENIX-EMG17-OE-5DC Datasheet
141Kb / 5P
   This item is no longer available. Should you have any questions, please contact our Sales Team.
3004223 PHOENIX-3004223 Datasheet
81Kb / 2P
   This item is no longer available. Should you have any questions, please contact our Sales Team.
logo
Taiyo Yuden (U.S.A.), I...
TMJ325KB7106KMHP TAIYO-YUDEN-TMJ325KB7106KMHP Datasheet
289Kb / 2P
   Item Summary
TMK042CG010AD-W TAIYO-YUDEN-TMK042CG010AD-W Datasheet
287Kb / 2P
   Item Summary
logo
PHOENIX CONTACT
2832742 PHOENIX-2832742 Datasheet
115Kb / 5P
   This item is no longer available. Should you have any questions, please contact our Sales Team.
ASD-6-SET-120V PHOENIX-ASD-6-SET-120V Datasheet
86Kb / 3P
   This item is no longer available. Should you have any questions, please contact our Sales Team.
CRIMPFOX-UD-10-4 PHOENIX-CRIMPFOX-UD-10-4 Datasheet
77Kb / 2P
   Discontinued item
logo
Taiyo Yuden (U.S.A.), I...
JMK042BJ473KC-W TAIYO-YUDEN-JMK042BJ473KC-W Datasheet
288Kb / 2P
   Item Summary
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com