Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3302-00-EVAL1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PI3302-00-EVAL1
Description  Product Portfolio Information
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PI3302-00-EVAL1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PI3302-00-EVAL1 Datasheet HTML 1Page - List of Unclassifed Manufacturers PI3302-00-EVAL1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Picor Corporation · picorpower.com
Picor Fact Sheet
January 20, 2012
Page 2 of 2
Product Portfolio Information
PI3101-00-HVIZ
48V/3.3V 60W Isolated DC-DC Converter 1/2V∙IChip
PI3105-00-HVIZ
48V/12V 50W Isolated DC-DC Converter 1/2V∙IChip
PI3106-01-HVIZ
24V/12V 50W Isolated DC-DC Converter 1/2V∙IChip
PI3110-01-HVIZ
48V/18V 50W Isolated DC-DC Converter 1/2V∙IChip
PI3106-00-HVMZ 24V/12V MILCOTS Isolated DC-DC Converter 1/2V∙IChip
PI3311
8-36Vin, 1.5Vout Set DC-DC Buck regulator 10x14 LGA SIP
PI3312
8-36Vin, 2.5Vout Set DC-DC Buck regulator 10x14 LGA SIP
PI3301
8-36Vin, 3.3Vout Set DC-DC Buck regulator 10x14 LGA SIP
PI3302
8-36Vin, 5Vout Set DC-DC Buck regulator 10x14 LGA SIP
PI3303
8-36Vin, 12Vout Set DC-DC Buck regulator 10x14 LGA SIP
PI3305
8-36Vin, 15Vout Set DC-DC Buck regulator 10x14 LGA SIP
Cool-Power® Isolated DC-DC ZVS Switching Converters
- Complete module solution (Controller + Transformer + FETs)
- 2,250V isolation with safety approvals
- 48Vin devices offer 100V for 100mS surge protection
- All packaged 22x16.5x6.7mm ½ V∙IChip package
Cool-Power® MIL-COTS Isolated DC-DC ZVS Switching Converters
- Operation from -55°C to 125°C
Cool-Power® DC-DC ZVS Switching Buck Regulators
- High efficency performance from 90 to 96%
- Current ouput of 8A+
- Module design with controller + FETs and extrenal inductor
- All packaged in 10x14mm LGA SiP
Cool-Power® DC-DC ZVS Switching Converters
- ZVS core powered devices offering high Vin operating ranges
- HIgh density designs packaged in 10x14mm LGA SIP or 1/2V∙IChip
PI2001-00-QEIG
ORing Controller, 5x6mm SOIC
PI2001-00-SOIG
ORing Controller, 3x3mm DFN
PI2002-00-QEIG
ORing Controller w/ Load Disconnect, 3x3mm DFN
PI2002-00-SOIG
ORing Controller w/ Load Disconnect, 5x6mm SOIC
PI2003-00-QEIG
Low-Side OR-ing Controller, 3x3mm DFN
PI2003-00-SOIG
Low Side OR-ing Controller, 5x6mm SOIC
PI2007-00-QEIG
High-Side OR-ing Controller, 3x3mm DFN
PI2121-00-LGIZ
8V, 24A FULL-FUNCTION ACTIVE ORING SIP
PI2122-00-LGIZ
FULL-FUNCTION ACTIVE ORING SIP w/ LOAD DISCONNECT
PI2126-00-LGIZ
30V, 12A FULL-FUNCTION ACTIVE ORING SIP
PI2127-01-LGIZ
60V, 12A FULL-FUNCTION ACTIVE ORING SIP
PI2061-00-QEIG
Cool-Switch® Controller 7x8mm LGA SIP
PI2161-01-LGIZ
60V, 12A Cool-Switch SiP Solution 3x3mm DFN
PI5101-00-LGIZ
5V, 360 MICRO OHM N-CHANNEL MOSFET
PI2211
12V Hot Swap Controller 24-pin QFN
Picor Power Path Management Products
- Lead industry in either efficency/losses, speed, and/or density
- PI2003/PI2207 common pair used for High/Low Oring applications
- Newest family addition is Cool-Swap
PI2211
Cool-ORing® - Controllers
Cool-Swap™ - 12V Hot Swap Controller and Electronic Circuit Breaker
- Hot swap protection with Tru-SOA™ and GlitchCatcher Technology
- Packaged in a 4x4x0.85mm 24-pin QFN
Cool-ORing® - SiP Solutions
Cool-Switch® - Electronic Circuit Breaker
- For high availability systems using redundant power architectures
- Replaces common diode schemes w/ a more efficient solution
- Packaged as controller only or controller w/ MOSFET SIP solution
µRDS(on)FET® - 360µOhm RDS(on) 5V, N-Channel MOSFET
- Industry leading performance
- Enables practically lossless designs for high current routing
- Packaged in 4.1 x 8 x 2mm LGA
Cool-ORing® - High performance Active ORing solutions
- For high availability systems using redundant power architectures
- Replaces common diode schemes w/ a more efficient solution
- Packaged as controller only or Controller w/ MOSFET SIP solution
- Extremly fast turn off at 80nS
- SiPs offer extremly low losses with 8.5mOhm resistance (PI2127)
QPO-1LZ
3-30V, 10A Output filter
QPO-1LZ-01
3-30V, 10A Output Filter, Open Frame
QPO-2LZ
0.3-5.5V, 20A Output Filter
QPO-2LZ-01
0.3-5.5V, 20A Output Filter, Open Frame
QPI-3LZ
24V, 7A Input Filter
QPI-3LZ-01
24V, 7A Input Filter, Open Frame
QPI-4LZ
48V, 7A Input Filter
QPI-4LZ-01
48V, 7A Input Filter, Open Frame
QPI-5LZ
24V, 14A Input Filter
QPI-5LZ-01
24V, 14A Input Filter, Open Frame
QPI-6LZ
48V, 14A Input Filter
QPI-6LZ-01
48V, 14A Input Filter, Open Frame
QPI-7LZ
24V, 6A Input Filter w/Hot-Swap
QPI-7LZ-01
24V, 6A Input Filter w/Hot-Swap, Open Frame
QPI-8LZ
48V, 6A Input Filter w/Hot-Swap
QPI-8LZ-01
48V, 6A Input Filter w/Hot-Swap, Open Frame
QPI-21LZ
48V, 14A Input Filter
QPI-21LZ-01
48V, 14A Input Filter, Open Frame
QPI-9LZ
24V, 6A V∙I Chip optimized w/Hot-Swap
QPI-9LZ-01
24V, 6A V∙I Chip optimized w/Hot-Swap, Open Frame
QPI-10LZ
48V, 6A V∙I Chip optimized w/Hot-Swap
QPI-10LZ-01
48V, 6A V∙I Chip optimized w/Hot-Swap, Open Frame
QPI-11LZ
24V, 7A V∙I Chip optimized
QPI-11LZ-01
24V, 7A V∙I Chip optimized, Open Frame
QPI-12LZ
48V, 7A V∙I Chip optimized
QPI-12LZ-01
48V, 7A V∙I Chip optimized, Open Frame
MQPI-18LP
28V, 7A MIL-COTS Input Filter
MQPI-18LP-01
28V, 7A MIL-COTS Input Filter, Open Frame
QuietPower® Output Filters - QPO
- Reduces power supply output ripple from 1kHz to to 500kHz
- Can reduce output capacitance by a factor of 10
QuietPower® Input Filters - QPI
- Common-mode (CM) and differential-mode (DM) attenuation
- Covers 150kHz to 30MHz (CISPR22 range)
- Optimized for applications that require EN55022 Class B limits
- Filters cover up to a 48V bus and up to 14A
- QPI-21 is recently released and is Picor's best performing filter
QuietPower® V·I Chip Input Filters - QPI
- Optimized for use w/ V∙I Chip PRM/VTM Converters
QuietPower® MIL-COTS Input Filter - MQPI
- Operation from -55°C to 125°C
QuietPower® Active EMI Filters
- Leads the industry in density and size
- Compatible to industry standard DC-DC converters
- Both Input (QPI) and output (QPO) filters
- Packaged in 25x25x4.5mm or 12.4x25x4.5mm LGA open and lidded


Similar Part No. - PI3302-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
logo
List of Unclassifed Man...
PI3302-00-LGIZ ETC2-PI3302-00-LGIZ Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI3302-00-LGIZ VICOR-PI3302-00-LGIZ Datasheet
3Mb / 42P
   8 V to 36 Vin Cool-Power ZVS Buck Regulator Family
More results

Similar Description - PI3302-00-EVAL1

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL11G-2K3431 SICK-WL11G-2K3431 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
WL11G-2B2531 SICK-WL11G-2B2531 Datasheet
4Mb / 9P
   PRODUCT PORTFOLIO
WL11G-2B2531P04 SICK-WL11G-2B2531P04 Datasheet
5Mb / 9P
   PRODUCT PORTFOLIO
logo
Texas Instruments
TPS5410 TI-TPS5410 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
logo
Samsung semiconductor
LTN154X3-L01 SAMSUNG-LTN154X3-L01 Datasheet
231Kb / 13P
   Product Information
LTS350Q1-PD1 SAMSUNG-LTS350Q1-PD1 Datasheet
1Mb / 58P
   Product Information
logo
Japan Aviation Electron...
SF9 JAE-SF9 Datasheet
165Kb / 4P
   COMPONENTS PRODUCT INFORMATION
logo
List of Unclassifed Man...
833 ETC2-833 Datasheet
150Kb / 2P
   Product Information 44
logo
Japan Aviation Electron...
SF50 JAE-SF50 Datasheet
166Kb / 4P
   COMPONENTS PRODUCT INFORMATION
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
   PRELIMINARY PRODUCT INFORMATION
1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com