Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP0V-1MSA-6-3 Datasheet(PDF) 1 Page - Ralston Instruments.

Part # SP0V-1MSA-6-3
Description  Gas Sampling Pump, 2 hoses, 1/4" Male NPT gauge
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

SP0V-1MSA-6-3 Datasheet(HTML) 1 Page - Ralston Instruments.

  SP0V-1MSA-6-3 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP0V-1MSA-6-3
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
SP0V-1MSA-6-3
Gas Sampling Pump, 2 hoses, 1/4" Male NPT gauge
connection
The SP0V gas sampling pump can pull low
pressure gas from a well and boost it to 25 psi
to pump it into a sample cylinder
Features
• Hard Anodized aluminum body and stainless steel fittings so
no issues with corrosion, cracking or cross contamination of
the sample
• Inlet and outlet hose has Nylon inner core tube which does
not affect the sample
• Low compression rate will not adversely affect the sample by
bringing the gas close to the hydrocarbon dew point (25 psi/2
bar)
• Hydrocarbon-free lubricant does not contaminate the sample
with any foreign hydrocarbons
• Designed in accordance with API MPMS Chapter 14.1 on
natural gas sampling
• Made in USA
Specifications
Pressure Range
0 to 100 psi (0 to 7 bar)
Construction
Anodized Aluminum, Stainless Steel
Seal materials
Viton
Weight
0.1 lb (0.0 kg)
Dimensions
H: 4.75 in (12.065 cm) x W: 3.75 in (9.525 cm) x D: 7.75 in (19.685 cm)


Similar Part No. - SP0V-1MSA-6-3

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
SP0V-100PSIG-D RALSTON-SP0V-100PSIG-D Datasheet
573Kb / 1P
   Gas Sampling Pump, 2 hoses, 100 psi digital gauge kit
SP0V-100PSIG-M RALSTON-SP0V-100PSIG-M Datasheet
520Kb / 1P
   Sampling Pump, 2 hoses, 100 psi analog gauge kit
SP0V-15PSIG-D RALSTON-SP0V-15PSIG-D Datasheet
573Kb / 1P
   Sampling pump, 2 hoses, 15 psi digital gauge kit
SP0V-15PSIG-M RALSTON-SP0V-15PSIG-M Datasheet
520Kb / 1P
   Sampling Pump, 2 hoses, 15 psi analog gauge kit
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com