Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4B-04PA-2DS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A4B-04PA-2DS
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A4B-04PA-2DS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A4B-04PA-2DS Datasheet HTML 1Page - List of Unclassifed Manufacturers A4B-04PA-2DS Datasheet HTML 2Page - List of Unclassifed Manufacturers A4B-04PA-2DS Datasheet HTML 3Page - List of Unclassifed Manufacturers A4B-04PA-2DS Datasheet HTML 4Page - List of Unclassifed Manufacturers A4B-04PA-2DS Datasheet HTML 5Page - List of Unclassifed Manufacturers A4B-04PA-2DS Datasheet HTML 6Page - List of Unclassifed Manufacturers A4B-04PA-2DS Datasheet HTML 7Page - List of Unclassifed Manufacturers A4B-04PA-2DS Datasheet HTML 8Page - List of Unclassifed Manufacturers A4B-04PA-2DS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
C12
A3 • A4 Series
2mm Pitch Miniature Connector
Series Name: A
Series No.: 3B
Applicable cable size
2630: AWG#26 to AWG#30
3236: AWG#32 to AWG#36
Packaging type
SCFC: Reel
SCC: Bag
1
2
3
4
A 3B - 2630 SCFC
1
2
3
4
A 3 A - 44 P A - 2 SV
1
2
3
5
6
7
8
4
A 3 A - 32 D A - 2 SV
1
2
3
4
5
6
7
8
Series Name: A
Series No.: 3
Positioning Boss:A : With boss
No symbol : Without boss
Number of contacts: 4, 6, 8, 10, 12, 14, 16, 18, 20, 24, 28, 30, 32, 44, 40, 50
P: Pin header
A: Selective gold plating
Contact pitch : 2mm
Contact type
SV: Board virtical type
1
2
3
4
5
6
7
8
Series Name: A
Series No.: 3
Positioning Boss: A : With boss
No symbol : Without boss
Number of contacts: 4, 6, 8, 10, 12, 14, 16, 18, 20, 24, 28, 30, 32
D: Receptacle
A: Selective gold plating
Contact pitch : 2mm
Contact type
SV: Virtical type
1
2
3
4
5
6
7
8
●Crimping Contact
● Pin Header (SMT type)
● Receptacle (SMT type)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A4B-04PA-2DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A4B-04PA-2DS HIROSE-A4B-04PA-2DS Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-04PA-2DS ETC-A4B-04PA-2DS Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A4B-04PA-2DS HIROSE-A4B-04PA-2DS Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-04PA-2DS(71) ETC2-A4B-04PA-2DS(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A4B-04PA-2DS(71) HIROSE-A4B-04PA-2DS(71) Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A4B-04PA-2DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3A-10DA-2SV ETC-A3A-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com