Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A36H3010SSLP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A36H3010SSLP
Description  Continuous Hinge with Clamps, Type 4X
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A36H3010SSLP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A36H3010SSLP Datasheet HTML 1Page - List of Unclassifed Manufacturers A36H3010SSLP Datasheet HTML 2Page - List of Unclassifed Manufacturers A36H3010SSLP Datasheet HTML 3Page - List of Unclassifed Manufacturers A36H3010SSLP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Spec-00374 E
Wall-Mount EnclosurEs Wall-Mount EnclosurEs and accEssoriEs
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
stainlEss stEEl
3
Catalog Number
AxBxC in./mm
Stainless
Steel Type
Steel Panel
Conductive
Steel Panel
Stainless
Steel Panel
Panel Size
D x E
in./mm
F
in./mm
Clamps
Qty.
Data
Pocket
A36H3010SS6LP
36.00 x 30.00 x 10.00
914 x 762 x 254
316L
A36P30
A36P30G
A36P30SS6
33.00 x 27.00
838 x 686
3.00
76
7
Large
A42H3010SSLP
42.00 x 30.00 x 10.00
1067 x 762 x 254
304
A42P30
A42P30G
A42P30SS6
39.00 x 27.00
991 x 686
3.00
76
8
Large
A42H3010SS6LP
42.00 x 30.00 x 10.00
1067 x 762 x 254
316L
A42P30
A42P30G
A42P30SS6
39.00 x 27.00
991 x 686
3.00
76
8
Large
A48H3610SSLP
48.00 x 36.00 x 10.00
1219 x 914 x 254
304
A48P36
A48P36G
A48P36SS6
45.00 x 33.00
1143 x 838
3.00
76
8
Large
A48H3610SS6LP
48.00 x 36.00 x 10.00
1219 x 914 x 254
316L
A48P36
A48P36G
A48P36SS6
45.00 x 33.00
1143 x 838
3.00
76
8
Large
A24H2412SSLP
24.00 x 24.00 x 12.00
610 x 610 x 305
304
A24P24
A24P24G
A24P24SS6
21.00 x 21.00
533 x 533
3.00
76
5
Small
A24H2412SS6LP
24.00 x 24.00 x 12.00
610 x 610 x 305
316L
A24P24
A24P24G
A24P24SS6
21.00 x 21.00
533 x 533
3.00
76
5
Small
A30H2412SSLP
30.00 x 24.00 x 12.00
762 x 610 x 305
304
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
5
Large
A30H2412SS6LP
30.00 x 24.00 x 12.00
762 x 610 x 305
316L
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
5
Large
A36H3012SSLP
36.00 x 30.00 x 12.00
914 x 762 x 305
304
A36P30
A36P30G
A36P30SS6
33.00 x 27.00
838 x 686
3.00
76
7
Large
A36H3012SS6LP
36.00 x 30.00 x 12.00
914 x 762 x 305
316L
A36P30
A36P30G
A36P30SS6
33.00 x 27.00
838 x 686
3.00
76
7
Large
A36H3612SSLP
36.00 x 36.00 x 12.00
914 x 914 x 305
304
A36P36
A36P36G
A36P36SS6
33.00 x 33.00
838 x 838
3.00
76
7
Large
A36H3612SS6LP
36.00 x 36.00 x 12.00
914 x 914 x 305
316L
A36P36
A36P36G
A36P36SS6
33.00 x 33.00
838 x 838
3.00
76
7
Large
A48H3612SSLP
48.00 x 36.00 x 12.00
1219 x 914 x 305
304
A48P36
A48P36G
A48P36SS6
45.00 x 33.00
1143 x 838
3.00
76
8
Large
A48H3612SS6LP
48.00 x 36.00 x 12.00
1219 x 914 x 305
316L
A48P36
A48P36G
A48P36SS6
45.00 x 33.00
1143 x 838
3.00
76
8
Large
A60H3612SSLP
60.00 x 36.00 x 12.00
1524 x 914 x 305
304
A60P36
A60P36G
A60P36SS6
57.00 x 33.00
1448 x 838
3.00
76
9
Large
A60H3612SS6LP
60.00 x 36.00 x 12.00
1524 x 914 x 305
316L
A60P36
A60P36G
A60P36SS6
57.00 x 33.00
1448 x 838
3.00
76
9
Large
A30H2416SSLP
30.00 x 24.00 x 16.00
762 x 610 x 406
304
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
5
Large
A30H2416SS6LP
30.00 x 24.00 x 16.00
762 x 610 x 406
316L
A30P24
A30P24G
A30P24SS6
27.00 x 21.00
686 x 533
3.00
76
5
Large
A36H3016SSLP
36.00 x 30.00 x 16.00
914 x 762 x 406
304
A36P30
A36P30G
A36P30SS6
33.00 x 27.00
838 x 686
3.00
76
7
Large
A36H3016SS6LP
36.00 x 30.00 x 16.00
914 x 762 x 406
316L
A36P30
A36P30G
A36P30SS6
33.00 x 27.00
838 x 686
3.00
76
7
Large
A48H3616SSLP
48.00 x 36.00 x 16.00
1219 x 914 x 406
304
A48P36
A48P36G
A48P36SS6
45.00 x 33.00
1143 x 838
3.00
76
8
Large
A48H3616SS6LP
48.00 x 36.00 x 16.00
1219 x 914 x 406
316L
A48P36
A48P36G
A48P36SS6
45.00 x 33.00
1143 x 838
3.00
76
8
Large
A60H3616SSLP
60.00 x 36.00 x 16.00
1524 x 914 x 406
304
A60P36
A60P36G
A60P36SS6
57.00 x 33.00
1448 x 838
3.00
76
9
Large
A60H3616SS6LP
60.00 x 36.00 x 16.00
1524 x 914 x 406
316L
A60P36
A60P36G
A60P36SS6
57.00 x 33.00
1448 x 838
3.00
76
9
Large
Purchase panels separately. Optional composite and aluminum panels are available for most sizes.


Similar Part No. - A36H3010SSLP

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A36 DBLECTRO-A36 Datasheet
301Kb / 1P
   D-SUB IDC MALE (DUAL U-SLOT)
logo
Tyco Electronics
A36 MACOM-A36 Datasheet
370Kb / 2P
   Cascadable Amplifier 100 to 2000 MHz
logo
M/A-COM Technology Solu...
A36 MA-COM-A36 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A36 MA-COM-A36 Datasheet
635Kb / 3P
   Cascadable Amplifier
logo
Tyco Electronics
A36-1 MACOM-A36-1 Datasheet
113Kb / 1P
   100 TO 2300 MHz CASCADABLE AMPLIFIER
More results

Similar Description - A36H3010SSLP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10086CHNF ETC2-A10086CHNF Datasheet
603Kb / 2P
   Continuous Hinge with Clamps, Type 4
logo
Hammond Manufacturing L...
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
   Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
   Continuous Hinge Door with Quarter Turn
logo
Yamaichi Electronics Co...
PJS008T-0000-0 YAMAICHI-PJS008T-0000-0 Datasheet
300Kb / 1P
   microSD Card Reader - Hinge Type
logo
List of Unclassifed Man...
I410 ETC2-I410 Datasheet
136Kb / 2P
   Current Clamps
536QC ETC2-536QC Datasheet
40Kb / 1P
   Bar Clamps
logo
Wurth Elektronik GmbH &...
693022010811 WURTH-693022010811 Datasheet
748Kb / 3P
   MICRO SIM - HINGE TYPE - 8 PINS
logo
Richco, Inc.
E14-CL RICHCO-E14-CL Datasheet
52Kb / 1P
   E CLAMPS
logo
Wurth Elektronik GmbH &...
686110148922 WURTH-686110148922 Datasheet
547Kb / 7P
   WR-FPC SMT ZIF Horizontal Hinge Type
001.006
686130148922 WURTH-686130148922 Datasheet
542Kb / 7P
   WR-FPC SMT ZIF Horizontal Hinge Type
001.006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com