Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD2712R1 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD2712R1
Description  Optically Isolated Error Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2712R1 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD2712R1 Datasheet HTML 1Page - Fairchild Semiconductor FOD2712R1 Datasheet HTML 2Page - Fairchild Semiconductor FOD2712R1 Datasheet HTML 3Page - Fairchild Semiconductor FOD2712R1 Datasheet HTML 4Page - Fairchild Semiconductor FOD2712R1 Datasheet HTML 5Page - Fairchild Semiconductor FOD2712R1 Datasheet HTML 6Page - Fairchild Semiconductor FOD2712R1 Datasheet HTML 7Page - Fairchild Semiconductor FOD2712R1 Datasheet HTML 8Page - Fairchild Semiconductor FOD2712R1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2712 Rev. 1.0.1
5
Electrical Characteristics (V
CC = 12V, TA = 25°C unless otherwise specified) (Continued)
Output Characteristics
Transfer Characteristics
Isolation Characteristics
Switching Characteristics
Notes:
1. Device is considered as a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
2. Common mode transient immunity at output high is the maximum tolerable (positive) dVcm/dt on the leading edge
of the common mode impulse signal, Vcm, to assure that the output will remain high. Common mode transient
immunity at output low is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common pulse
signal,Vcm, to assure that the output will remain low.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector Dark Current
VCE = 10V (Fig. 5)
50
nA
BVCEO
Collector-Emitter Voltage
Breakdown
IC = 1.0mA
70
V
BVECO
Emitter-Collector Voltage
Breakdown
IE = 100µA
7
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
CTR
Current Transfer Ratio
ILED = 10mA, VCOMP = VFB,
VCE = 5V (Fig. 6)
100
200
%
VCE (SAT)
Collector-Emitter
Saturation Voltage
ILED = 10mA, VCOMP = VFB,
IC = 2.5mA (Fig. 6)
0.4
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
II-O
Input-Output Insulation
Leakage Current
RH = 45%, TA = 25°C, t = 5s,
VI-O = 3000 VDC (Note 1)
1.0
µA
VISO
Withstand Insulation Voltage
RH
≤ 50%, T
A = 25°C,
t = 1 min. (Note 1)
2500
Vrms
RI-O
Resistance (Input to Output)
VI-O = 500 VDC (Note 1)
1012
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BW
Bandwidth
Fig. 7
10
kHz
CMH
Common Mode Transient
Immunity at Output HIGH
ILED = 0mA, Vcm = 10 VPP
RL = 2.2k
Ω (Fig. 8) (Note 2)
1.0
kV/µs
CML
Common Mode Transient
Immunity at Output LOW
ILED = 10mA, Vcm = 10 VPP
RL = 2.2k
Ω (Fig. 8) (Note 2)
1.0
kV/µs


Similar Part No. - FOD2712R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
More results

Similar Description - FOD2712R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com