Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8814 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8814
Description  DC MOTOR DRIVER IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8814 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV8814 Datasheet HTML 7Page - Texas Instruments DRV8814 Datasheet HTML 8Page - Texas Instruments DRV8814 Datasheet HTML 9Page - Texas Instruments DRV8814 Datasheet HTML 10Page - Texas Instruments DRV8814 Datasheet HTML 11Page - Texas Instruments DRV8814 Datasheet HTML 12Page - Texas Instruments DRV8814 Datasheet HTML 13Page - Texas Instruments DRV8814 Datasheet HTML 14Page - Texas Instruments DRV8814 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
P =
R
(I
)
2 ·
·
DS(ON)
OUT
2
DRV8814
www.ti.com
SLVSAB9D – MAY 2010 – REVISED AUGUST 2013
THERMAL INFORMATION
Thermal Protection
The DRV8814 has thermal shutdown (TSD) as described above. If the die temperature exceeds approximately
150°C, the device will be disabled until the temperature drops to a safe level.
Any tendency of the device to enter TSD is an indication of either excessive power dissipation, insufficient
heatsinking, or too high an ambient temperature.
Power Dissipation
Power dissipation in the DRV8814 is dominated by the power dissipated in the output FET resistance, or
RDS(ON). Average power dissipation of each H-bridge when running a DC motor can be roughly estimated by
Equation 2.
(2)
where P is the power dissipation of one H-bridge, RDS(ON) is the resistance of each FET, and IOUT is the RMS
output current being applied to each winding. IOUT is equal to the average current drawn by the DC motor. Note
that at start-up and fault conditions this current is much higher than normal running current; these peak currents
and their duration also need to be taken into consideration. The factor of 2 comes from the fact that at any
instant two FETs are conducting winding current (one high-side and one low-side).
The total device dissipation will be the power dissipated in each of the two H-bridges added together.
The maximum amount of power that can be dissipated in the device is dependent on ambient temperature and
heatsinking.
Note that RDS(ON) increases with temperature, so as the device heats, the power dissipation increases. This must
be taken into consideration when sizing the heatsink.
Heatsinking
The PowerPAD™ package uses an exposed pad to remove heat from the device. For proper operation, this pad
must be thermally connected to copper on the PCB to dissipate heat. On a multi-layer PCB with a ground plane,
this can be accomplished by adding a number of vias to connect the thermal pad to the ground plane. On PCBs
without internal planes, copper area can be added on either side of the PCB to dissipate heat. If the copper area
is on the opposite side of the PCB from the device, thermal vias are used to transfer the heat between top and
bottom layers.
For details about how to design the PCB, refer to TI application report SLMA002, " PowerPAD™ Thermally
Enhanced Package" and TI application brief SLMA004, " PowerPAD™ Made Easy", available at www.ti.com.
In general, the more copper area that can be provided, the more power can be dissipated.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DRV8814


Similar Part No. - DRV8814

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8814 TI1-DRV8814 Datasheet
417Kb / 16P
[Old version datasheet]   DC MOTOR DRIVER IC 2.5-A Maximum Drive Current at 24 V, 25째C
MARCH2011
DRV8814PWP TI1-DRV8814PWP Datasheet
417Kb / 16P
[Old version datasheet]   DC MOTOR DRIVER IC 2.5-A Maximum Drive Current at 24 V, 25째C
MARCH2011
DRV8814PWP TI1-DRV8814PWP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8814PWPR TI1-DRV8814PWPR Datasheet
417Kb / 16P
[Old version datasheet]   DC MOTOR DRIVER IC 2.5-A Maximum Drive Current at 24 V, 25째C
MARCH2011
DRV8814PWPR TI1-DRV8814PWPR Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
More results

Similar Description - DRV8814

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
JUNE2011
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8814 TI1-DRV8814_16 Datasheet
1Mb / 26P
[Old version datasheet]   DC Motor Driver IC
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802_15 Datasheet
1Mb / 28P
[Old version datasheet]   DC Motor Driver IC
DRV8842 TI1-DRV8842_15 Datasheet
1Mb / 27P
[Old version datasheet]   DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com