Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE56059 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE56059
Description  NTE56058 thru NTE56060 TRIAC, 16A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE56059 Datasheet(HTML) 2 Page - NTE Electronics

  NTE56059 Datasheet HTML 1Page - NTE Electronics NTE56059 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TJ = +25°C unless otherwise specfied)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Characteristics
Gate Trigger Current
MT2 (+), G (+)
IGT
VD = 12V, IT = 0.1A
5
35
mA
MT2 (+), G (–)
8
35
mA
MT2 (–), G (–)
10
35
mA
MT2 (–), G (+)
22
70
mA
Latching Current
MT2 (+), G (+)
IL
VD = 12V, IT = 0.1A
7
40
mA
MT2 (+), G (–)
20
60
mA
MT2 (–), G (–)
8
40
mA
MT2 (–), G (+)
10
60
mA
Holding Current
IH
VD = 12V, IT = 0.1A
6
30
mA
On–State Voltage
VT
IT = 20A
1.2
1.6
V
Gate Trigger Voltage
VGT
VD = 12V, IT = 0.1A
0.7
1.5
V
VD = 400V, IT = 0.1A, TJ = +125°C
0.25
0.4
V
Off–State Leakage Current
ID
VD = VDRMmax, TJ = +125°C
0.1
0.5
mA
Dynamic Characteristics
Critical Rate–of–Rise of
Off–State Voltage
dVD/dt
VDM = 67% VDRMmax, TJ = +125°C,
Exponential Waveform, Gate Open
100
250
V/
µs
Critical Rate–of–Change of
Commutating Voltage
dVcom/dt VDM = 400V, TJ = +95°C, ITRMS = 16A,
dIcom/dt = 7.2A/ms, Gate Open
20
V/
µs
Gate Controlled Turn–On Time
tgt
ITM = 20A, VD = VDRMmax, IG = 0.1A,
dIG/dt = 5A/µs
2
µs
Isolation Characteristics
RMS Isolation Voltage from All
3 Pins to External Heatsink
VISOL
R.H.
≤ 65%, Clean and Dustfree
1500
V
Capacitance from T2 to
External Heatsink
CISOL
f = 1MHz
12
pF
MT1 MT2 G
.100 (2.54)
.059 (1.5) Max
.122 (3.1)
Dia
.165
(4.2)
.531
(13.5)
Min
.295
(7.5)
.669
(17.0)
Max
.402 (10.2) Max
.224 (5.7) Max
.114 (2.9)
Max
.173 (4.4)
Max


Similar Part No. - NTE56059

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5605 NTE-NTE5605 Datasheet
20Kb / 2P
   TRIAC, 4 Amp
NTE56050 NTE-NTE56050 Datasheet
20Kb / 2P
   TRIAC, 4A Low Logic Level
NTE56051 NTE-NTE56051 Datasheet
20Kb / 2P
   TRIAC, 8A Low Logic Level
NTE56052 NTE-NTE56052 Datasheet
20Kb / 2P
   TRIAC, 8A Low Logic Level
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
   TRIAC, 16A
More results

Similar Description - NTE56059

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56058 NTE-NTE56058 Datasheet
21Kb / 2P
   TRIAC, 16A
logo
Renesas Technology Corp
BCR16FM-14LB RENESAS-BCR16FM-14LB_17 Datasheet
833Kb / 9P
   700V - 16A - Triac
logo
STMicroelectronics
T1620W STMICROELECTRONICS-T1620W_04 Datasheet
67Kb / 5P
   16A SNUBBERLESS TRIAC
logo
NEC
AC16DGM NEC-AC16DGM Datasheet
648Kb / 6P
   16A MOLD TRIAC
logo
SemiHow Co.,Ltd.
HTX16-600 SEMIHOW-HTX16-600 Datasheet
329Kb / 6P
   600V 16A TRIAC
logo
Hi-Sincerity Mocroelect...
HST16 HSMC-HST16 Datasheet
129Kb / 4P
   TRIAC 600V,16A
logo
Renesas Technology Corp
BCR16FM-16LH RENESAS-BCR16FM-16LH Datasheet
492Kb / 8P
   800V - 16A - Triac
Oct. 10, 2019
logo
NTE Electronics
NTE56066 NTE-NTE56066 Datasheet
20Kb / 2P
   TRIAC, 16A, High Commutation
logo
Sanken electric
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
   TO-3PF 16A Triac
logo
NTE Electronics
NTE56042 NTE-NTE56042 Datasheet
20Kb / 2P
   TRIAC, 16A, Sensitive Gate
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com