Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV32T-R15J-PF Datasheet(PDF) 3 Page - TDK Electronics

Part # NLV32T-R15J-PF
Description  Inductors for Standard Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R15J-PF Datasheet(HTML) 3 Page - TDK Electronics

  NLV32T-R15J-PF Datasheet HTML 1Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 2Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 3Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 4Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 5Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 6Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 7Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 8Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
(3/14)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm
• All specifications are subject to change without notice.
Inductors for Standard Circuits
Wound Ferrite
FEATURES
Resin mold type wound inductor for standard circuits.
0.01 to 470μH, E-12 Series, wide lineup compatible with J (±5%) tolerance, can be used for applications that need to meet strict L
tolerance such as filter circuits.
Has excellent inductance temperature characteristics in the operating temperature range.
APPLICATION
Smart meters, AV equipment, xDSL, electronic devices for communications infrastructure such as mobile base stations, industrial
equipment, other
Vehicle accessories (car navigation systems, car audio, ETC)
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of the NLV Series
NLV
25
T
-
010
-
J
-
□□
Series name
L×W×H Dimensions
Packaging style
Inductance
Inductance
tolerance
Internal code
(mm)
(μH)
25
2.5×2.0×1.8
T
Taping
010
0.01
J
±5%
PF
Compatible with the RoHS
Directive, Exemption
regulations apply
32
3.2×2.5×2.2
R10
0.1
1R0
1
100
10
EF
Compatible with the RoHS
Directive
101
100
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
NLV25
–40 to +105
–40 to +105
2000
25
NLV32
–40 to +105
–40 to +105
2000
50
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - NLV32T-R15J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-R15J-PF TDK-NLV32T-R15J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NLV32T-R15J-PF TDK-NLV32T-R15J-PF Datasheet
142Kb / 3P
   Inductors (Coils)
NLV32T-R15J-PFD TDK-NLV32T-R15J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NLV32T-R15J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-015J-PF TDK-NLV25T-015J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R0J-PF TDK-NLV25T-1R0J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com