Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV32T-R15J-PF Datasheet(PDF) 10 Page - TDK Electronics

Part # NLV32T-R15J-PF
Description  Inductors for Standard Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-R15J-PF Datasheet(HTML) 10 Page - TDK Electronics

Back Button NLV32T-R15J-PF Datasheet HTML 6Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 7Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 8Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 9Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 10Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 11Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 12Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 13Page - TDK Electronics NLV32T-R15J-PF Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
(10/14)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm
• All specifications are subject to change without notice.
NLV series 
NLV32 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
□ : Please specify internal code, PF (compatible with the RoHS Directive, exemption regulations apply) or EF (compatible with the RoHS Directive)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
L, Q measuring
frequency
(MHz)
Self-resonant
frequency
(MHz)
min.
DC resistance
(
)
max.
Rated current
(mA)
max.
Part No.
(μH)
Tolerance
0.01
±5%
15
100
2500
0.13
450
NLV32T-010J-
0.012
±5%
17
100
2300
0.14
450
NLV32T-012J-
0.015
±5%
19
100
2100
0.16
450
NLV32T-015J-
0.018
±5%
21
100
1900
0.18
450
NLV32T-018J-
0.022
±5%
23
100
1700
0.2
450
NLV32T-022J-
0.027
±5%
23
100
1500
0.22
450
NLV32T-027J-
0.033
±5%
25
100
1400
0.24
450
NLV32T-033J-
0.039
±5%
25
100
1300
0.27
450
NLV32T-039J-
0.047
±5%
26
100
1200
0.3
450
NLV32T-047J-
0.056
±5%
26
100
1100
0.33
450
NLV32T-056J-
0.068
±5%
27
100
1000
0.36
450
NLV32T-068J-
0.082
±5%
27
100
900
0.4
450
NLV32T-082J-
0.1
±5%
28
100
700
0.44
450
NLV32T-R10J-
0.12
±5%
30
25.2
500
0.22
450
NLV32T-R12J-
0.15
±5%
30
25.2
450
0.25
450
NLV32T-R15J-
0.18
±5%
30
25.2
400
0.28
450
NLV32T-R18J-
0.22
±5%
30
25.2
350
0.32
450
NLV32T-R22J-
0.27
±5%
30
25.2
320
0.36
450
NLV32T-R27J-
0.33
±5%
30
25.2
300
0.4
450
NLV32T-R33J-
0.39
±5%
30
25.2
250
0.45
450
NLV32T-R39J-
0.47
±5%
30
25.2
220
0.5
450
NLV32T-R47J-
0.56
±5%
30
25.2
180
0.55
450
NLV32T-R56J-
0.68
±5%
30
25.2
160
0.6
450
NLV32T-R68J-
0.82
±5%
30
25.2
140
0.65
450
NLV32T-R82J-
1
±5%
30
7.96
120
0.7
400
NLV32T-1R0J-
1.2
±5%
30
7.96
100
0.75
390
NLV32T-1R2J-
1.5
±5%
30
7.96
85
0.85
370
NLV32T-1R5J-
1.8
±5%
30
7.96
80
0.9
350
NLV32T-1R8J-
2.2
±5%
30
7.96
75
1
320
NLV32T-2R2J-
2.7
±5%
30
7.96
70
1.1
290
NLV32T-2R7J-
3.3
±5%
30
7.96
60
1.2
260
NLV32T-3R3J-
3.9
±5%
30
7.96
55
1.3
250
NLV32T-3R9J-
4.7
±5%
30
7.96
50
1.5
220
NLV32T-4R7J-
5.6
±5%
30
7.96
45
1.6
200
NLV32T-5R6J-
6.8
±5%
30
7.96
40
1.8
180
NLV32T-6R8J-
8.2
±5%
30
7.96
35
2
170
NLV32T-8R2J-
Measurement item
Product No.
Manufacturer
L, Q
4191A
+16092A
4194A+16085A+16093B
Agilent Technologies
Self-resonant frequency
8753C
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NLV32T-R15J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-R15J-PF TDK-NLV32T-R15J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NLV32T-R15J-PF TDK-NLV32T-R15J-PF Datasheet
142Kb / 3P
   Inductors (Coils)
NLV32T-R15J-PFD TDK-NLV32T-R15J-PFD Datasheet
142Kb / 10P
   Inductors for Standard Circuits Wound Ferrite
More results

Similar Description - NLV32T-R15J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-015J-PF TDK-NLV25T-015J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R0J-PF TDK-NLV25T-1R0J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com