Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV25T-R27J-PF Datasheet(PDF) 6 Page - TDK Electronics

Part # NLV25T-R27J-PF
Description  Inductors for Standard Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV25T-R27J-PF Datasheet(HTML) 6 Page - TDK Electronics

Back Button NLV25T-R27J-PF Datasheet HTML 2Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 3Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 4Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 5Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 6Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 7Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 8Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 9Page - TDK Electronics NLV25T-R27J-PF Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(6/14)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm
• All specifications are subject to change without notice.
NLV series 
NLV25 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Rated current: smaller value of either Idc1 or Idc2.
Idc1: When based on the inductance change rate (10% below the initial L value)
Idc2: When based on the temperature increase (Temperature increase of 20°C by self heating)
□ : Please specify internal code, PF (compatible with the RoHS Directive, exemption regulations apply) or EF (compatible with the RoHS Directive)
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
min.
L, Q measuring
frequency
(MHz)
Self-resonant
frequency
(MHz)
min.
DC resistance
(
)
max.
Rated current
(mA)
max.
Part No.
(μH)
Tolerance
0.01
±5%
15
100
2150
0.26
530
NLV25T-010J-
0.012
±5%
15
100
2050
0.27
500
NLV25T-012J-
0.015
±5%
15
100
2000
0.29
480
NLV25T-015J-
0.018
±5%
15
100
1850
0.31
450
NLV25T-018J-
0.022
±5%
15
100
1650
0.37
420
NLV25T-022J-
0.027
±5%
15
100
1550
0.4
410
NLV25T-027J-
0.033
±5%
20
100
1450
0.42
400
NLV25T-033J-
0.039
±5%
20
100
1350
0.45
380
NLV25T-039J-
0.047
±5%
20
100
1200
0.5
360
NLV25T-047J-
0.056
±5%
20
100
1100
0.6
340
NLV25T-056J-
0.068
±5%
20
100
1050
0.65
320
NLV25T-068J-
0.082
±5%
20
100
900
0.75
300
NLV25T-082J-
0.1
±5%
20
100
800
0.8
280
NLV25T-R10J-
0.12
±5%
30
25.2
700
0.3
550
NLV25T-R12J-
0.15
±5%
30
25.2
550
0.35
500
NLV25T-R15J-
0.18
±5%
30
25.2
500
0.4
460
NLV25T-R18J-
0.22
±5%
30
25.2
450
0.5
430
NLV25T-R22J-
0.27
±5%
30
25.2
425
0.55
420
NLV25T-R27J-
0.33
±5%
30
25.2
400
0.6
400
NLV25T-R33J-
0.39
±5%
30
25.2
375
0.65
375
NLV25T-R39J-
0.47
±5%
30
25.2
350
0.68
350
NLV25T-R47J-
0.56
±5%
30
25.2
325
0.75
325
NLV25T-R56J-
0.68
±5%
30
25.2
300
0.85
300
NLV25T-R68J-
0.82
±5%
30
25.2
260
1
260
NLV25T-R82J-
1
±5%
30
7.96
245
1.1
245
NLV25T-1R0J-
1.2
±5%
30
7.96
230
1.2
230
NLV25T-1R2J-
1.5
±5%
30
7.96
182
1.3
220
NLV25T-1R5J-
1.8
±5%
30
7.96
135
1.45
210
NLV25T-1R8J-
2.2
±5%
30
7.96
105
1.55
200
NLV25T-2R2J-
2.7
±5%
30
7.96
70
1.7
195
NLV25T-2R7J-
3.3
±5%
30
7.96
55
1.9
185
NLV25T-3R3J-
3.9
±5%
30
7.96
48
2.1
180
NLV25T-3R9J-
4.7
±5%
30
7.96
43
2.3
175
NLV25T-4R7J-
5.6
±5%
25
7.96
42
2.5
170
NLV25T-5R6J-
6.8
±5%
25
7.96
39
2.7
165
NLV25T-6R8J-
8.2
±5%
25
7.96
36
3.05
160
NLV25T-8R2J-
10
±5%
25
2.52
33
3.5
155
NLV25T-100J-
12
±5%
25
2.52
30
3.8
150
NLV25T-120J-
15
±5%
25
2.52
26
4.4
140
NLV25T-150J-
18
±5%
25
2.52
24
4.8
130
NLV25T-180J-
22
±5%
25
2.52
22
5.5
125
NLV25T-220J-
27
±5%
25
2.52
21
6.3
115
NLV25T-270J-
33
±5%
25
2.52
20
7.1
110
NLV25T-330J-
39
±5%
20
2.52
18
9.5
90
NLV25T-390J-
47
±5%
20
2.52
17
11.1
80
NLV25T-470J-
56
±5%
20
2.52
16
12.1
75
NLV25T-560J-
68
±5%
20
2.52
15
16.6
70
NLV25T-680J-
82
±5%
20
2.52
13
19
66
NLV25T-820J-
100
±5%
15
0.796
12
21
60
NLV25T-101J-
Measurement item
Product No.
Manufacturer
L, Q
4191A
+16092A
4194A+16085A+16093B
Agilent Technologies
Self-resonant frequency
8753C
Agilent Technologies
DC resistance
VP-2941A
Panasonic


Similar Part No. - NLV25T-R27J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-R27J-PF TDK-NLV25T-R27J-PF Datasheet
132Kb / 9P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R27J-PF TDK-NLV25T-R27J-PF Datasheet
138Kb / 3P
   Inductors (Coils)
More results

Similar Description - NLV25T-R27J-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-2R2J-PF TDK-NLV25T-2R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-015J-PF TDK-NLV25T-015J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R0J-PF TDK-NLV25T-1R0J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com