Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R100U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R100U
Description  Built-in Inrush Current Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R100U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R100U Datasheet HTML 1Page - List of Unclassifed Manufacturers R100U Datasheet HTML 2Page - List of Unclassifed Manufacturers R100U Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
R100U
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
R100U-3
DC 110 -
170
AC 85 - 132
60
3V
4.5A
R100U-5
DC 110 -
170
AC 85 - 132
100
5V
20A
R100U-9
DC 110 -
170
AC 85 - 132
103.5
9V
11.5A
R100U-12
DC 110 -
170
AC 85 - 132
102
12V
8.5A
R100U-15
DC 110 -
170
AC 85 - 132
105
15V
7A
R100U-18
DC 110 -
170
AC 85 - 132
100.8
18V
5.6A
R100U-24
DC 110 -
170
AC 85 - 132
108
24V
4.5A
Features
Built-in Inrush Current Protection
Small size and light
Built-in Over Current Protection
Built-in Over Voltage Protection
RoHS Compliant
Safety Agency Approvals
UL1950 (10W - 150W)
C-UL (10W - 50W)
CSA C22.2 No.234 (100W, 150W)
EN60950, VDE0160 (100W, 150W)
Complies with DEN-AN (10W - 150W)
EMI Compliance
FCC-B, VCCI-B (10W - 150W)
3 year warranty(refer to Instruction Manual)


Similar Part No. - R100U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R100 ETC2-R100 Datasheet
115Kb / 3P
   TO-220 and TO-247 Style Power Resistor
logo
Amphenol Corporation
R100 AMPHENOL-R100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
C&K Components
R100 CK-COMPONENTS-R100 Datasheet
305Kb / 3P
   ROTA-SLIDE® Rotary Switches
logo
ITT Industries
R100-05-RN-01-B ITT-R100-05-RN-01-B Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
R100-05-RN-01-B-E ITT-R100-05-RN-01-B-E Datasheet
229Kb / 3P
   ROTA-SLIDE Rotary Switches
More results

Similar Description - R100U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YS1505A ETC2-YS1505A Datasheet
139Kb / 3P
   Small and compact size, Built-in Inrush Current Protection
R15A-5-N ETC2-R15A-5-N Datasheet
106Kb / 3P
   Built-in Inrush Current Protection Small size and light
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6223D3019R-G TOREX-XC6223D3019R-G Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
XC6223 TOREX-XC6223 Datasheet
790Kb / 36P
   Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
logo
Unisonic Technologies
LR1965G-XX-SH2-R UTC-LR1965G-XX-SH2-R Datasheet
157Kb / 4P
   Built-in Soft-Start Limits Inrush Current
logo
Texas Instruments
TPS799L54 TI1-TPS799L54 Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
logo
Torex Semiconductor
XC6229 TOREX-XC6229 Datasheet
936Kb / 26P
   300mA Ultra Small High Speed LDO Regulator, Built-in Inrush Current Protection
logo
List of Unclassifed Man...
ZUS251212 ETC2-ZUS251212 Datasheet
133Kb / 3P
   Built-in Over Current Protection
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com