Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTFT-HFBB-2F Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTFT-HFBB-2F
Description  1/4 Female NPT with Bulkhead Seal, Cap and Chain
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTFT-HFBB-2F Datasheet(HTML) 1 Page - Ralston Instruments.

  QTFT-HFBB-2F Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTFT-HFBB-2F
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTFT-HFBB-2F
1/4" female NPT x male Quick-test bulkhead union, with cap
and chain brass
Connect a hose on one side of a panel, wall or
enclosure with female NPT on the other side
Features
• Bulkhead seals so no liquid or moisture can get into a control
panel or enclosure
• Use to connect fittings on the inside of an enclosure to a
Quick-test hose on the outside of the enclosure
• Will connect through a wall that is up to 0.5 in (1.3 cm) thick
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
1/4" Female NPT with Bulkhead Seal, Cap and Chain
End C2
Male Quick-test
Has Check Valve
No
Temperature range
0 to 225 °F (-18 to 107 °C)
Construction
Brass
Seal materials
Buna-N
Dimensions A
2.36 in (5.99 cm)
Dimensions B
0.75 in (1.91 cm)


Similar Part No. - QTFT-HFBB-2F

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-HFBB-2F RALSTON-QTFT-HFBB-2F Datasheet
276Kb / 1P
   Connect to a Quick-test hose on one side
QTFT-HFBB-2F RALSTON-QTFT-HFBB-2F_19 Datasheet
276Kb / 1P
   Connect to a Quick-test hose on one side
More results

Similar Description - QTFT-HFBB-2F

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-HFSB-2F RALSTON-QTFT-HFSB-2F Datasheet
544Kb / 1P
   1/4 Female NPT with Bulkhead Seal, Cap and Chain
XTFT-1MS0 RALSTON-XTFT-1MS0 Datasheet
337Kb / 1P
   1/8 Male NPT Male Quick-test XT with Cap and Chain
QTFT-2MS1 RALSTON-QTFT-2MS1 Datasheet
337Kb / 1P
   1/4 male NPT x male Quick-test, with check-valve, with cap and chain, S.S.
QTFT-2MB1 RALSTON-QTFT-2MB1 Datasheet
349Kb / 1P
   1/4 male NPT x male Quick-test, with check-valve, with cap and chain, brass
QTFT-2MB0 RALSTON-QTFT-2MB0 Datasheet
349Kb / 1P
   1/4" male NPT x male Quick-test, no check-valve, with cap and chain , brass
logo
Pasternack Enterprises,...
PE6058 PASTERNACK-PE6058 Datasheet
72Kb / 1P
   7/16 FEMALE CAP WITH CHAIN
logo
Ralston Instruments.
XTFT-2MS0 RALSTON-XTFT-2MS0 Datasheet
337Kb / 1P
   1/4 male NPT x male Quick-test XT, no check-valve, with cap and chain, S.S.
logo
Pasternack Enterprises,...
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
   BNC Female Shorting Dust Cap With 4 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
   TNC Female Shorting Dust Cap With 4 Inch Chain
PE6130 PASTERNACK-PE6130 Datasheet
241Kb / 2P
   Shorting N Female With 4 Inch Chain Dust Cap
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com