Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UES805HR2 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UES805HR2
Description  ULTRAFAST RECTIFIERS, High Efficiency, 50A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UES805HR2 Datasheet(HTML) 2 Page - Microsemi Corporation

  UES805HR2 Datasheet HTML 1Page - Microsemi Corporation UES805HR2 Datasheet HTML 2Page - Microsemi Corporation UES805HR2 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ULTRAFAST RECTIFIERS,
High Efficiency, 50ATM
SCOTTSD A L E DIVISION
UES804 UES804HR2
UES805 UES805HR2
UES806 UES806HR2
GRAPHS and CIRCUIT
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
9-20-2004 REV B


Similar Part No. - UES805HR2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES805HR2 MICROSEMI-UES805HR2 Datasheet
129Kb / 3P
   RECTIFIERS
logo
New Jersey Semi-Conduct...
UES805HR2 NJSEMI-UES805HR2 Datasheet
101Kb / 2P
   RECTIFIERS
UES805HR2 NJSEMI-UES805HR2 Datasheet
157Kb / 2P
   High Efficiency, 50A
More results

Similar Description - UES805HR2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES705R MICROSEMI-UES705R Datasheet
136Kb / 3P
   ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES704R MICROSEMI-UES704R Datasheet
136Kb / 3P
   ULTRAFAST RECTIFIERS, High Efficiency, 20A
logo
New Jersey Semi-Conduct...
UES804 NJSEMI-UES804_14 Datasheet
157Kb / 2P
   High Efficiency, 50A
logo
Microsemi Corporation
UES701HR2 MICROSEMI-UES701HR2 Datasheet
319Kb / 6P
   ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
Rev. 2
logo
New Jersey Semi-Conduct...
UES801 NJSEMI-UES801 Datasheet
93Kb / 1P
   High Efficiency, 50A and 70A
logo
STMicroelectronics
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
   HIGH EFFICIENCY ULTRAFAST DIODE
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
   HIGH EFFICIENCY ULTRAFAST DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com