Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL1-24SAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEL1-24SAZ
Description  AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL1-24SAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL1-24SAZ Datasheet HTML 1Page - AIMTEC AMEL1-24SAZ Datasheet HTML 2Page - AIMTEC AMEL1-24SAZ Datasheet HTML 3Page - AIMTEC AMEL1-24SAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AMEL1-AZ
1Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.C
1 of 4
North America only
FEATURES:
Models
Single output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AMEL1-3.3SAZ
90-305/47-440
130-430
-40 to +80
3.3
300
2200
70
66
63
AMEL1-5SAZ
90-305/47-440
130-430
-40 to +80
5
200
1100
68
64
61
AMEL1-12SAZ
90-305/47-440
130-430
-40 to +80
12
83
680
70
66
64
AMEL1-15SAZ
90-305/47-440
130-430
-40 to +80
15
67
560
75
71
68
AMEL1-24SAZ
90-305/47-440
130-430
-40 to +80
24
42
470
78
75
72
AMEL1-3.3SBAZ
90-528/47-440
130-745
-40 to +80
3.3
300
2200
61
60
58
55
AMEL1-5SBAZ
90-528/47-440
130-745
-40 to +80
5
200
1100
68
68
66
59
AMEL1-12SBAZ
90-528/47-440
130-745
-40 to +80
12
83
680
70
68
66
57
AMEL1-15SBAZ
90-528/47-440
130-745
-40 to +80
15
67
560
75
76
74
64
AMEL1-24SBAZ
90-528/47-440
130-745
-40 to +80
24
42
470
57
57
56
49
Models
Dual output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AMEL1-5DAZ
90-305/47-440
130-430
-40 to +80
±5
100
1100
66
67
66
AMEL1-12DAZ
90-305/47-440
130-430
-40 to +80
±12
41
680
68
67
66
AMEL1-15DAZ
90-305/47-440
130-430
-40 to +80
±15
33
330
64
63
62
AMEL1-5DBAZ
90-528/47-440
130-745
-40 to +80
±5
100
1100
65
66
65
57
AMEL1-12DBAZ
90-528/47-440
130-745
-40 to +80
±12
41
680
67
66
65
57
AMEL1-15DBAZ
90-528/47-440
130-745
-40 to +80
±15
33
330
63
62
61
54
Models
Dual Asymmetrical output
Model
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Temperature
range
(ºC)
Output
Voltage
(V)
Output
Current max
(mA)
Maximum
capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
277
VAC
480
VAC
AMEL1-512DAZ
90-305/47-440
130-430
-40 to +80
5/12
65/35
1100
59
59
59
AMEL1-512DBAZ
90-528/47-440
130-745
-40 to +80
5/12
65/35
1100
58
58
58
50
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
25
mA
230 VAC
20
mA
277VAC
15
mA
480VAC
10
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
15
A
277 VAC
20
A
480 VAC
30
A
Leakage current
0.15
mA
External fuse
Recommended slow blow type
1
A
Input Dissipation (No Load)
0.5
W
I/O Isolation 3000VAC
RoHS compliant
Operating Temp: -40oC to +80oC
Input: 90-305VAC, 47-440Hz, or 130-430 VDC
Energy Star compliant
Ultra small package
Optional 90-528VAC, 47-440Hz, or 130-745 VDC
Over Load,Short Circuit Protection


Similar Part No. - AMEL1-24SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10 AIMTEC-AMEL10 Datasheet
300Kb / 2P
   10 watt encapsulated ac-dc converter
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
300Kb / 4P
   10 Watt | AC-DC Converter
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
554Kb / 6P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-1224DMAZ AIMTEC-AMEL10-1224DMAZ Datasheet
300Kb / 4P
   10 Watt | AC-DC Converter
More results

Similar Description - AMEL1-24SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com