Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL2-24SAZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEL2-24SAZ
Description  AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL2-24SAZ Datasheet(HTML) 2 Page - AIMTEC

  AMEL2-24SAZ Datasheet HTML 1Page - AIMTEC AMEL2-24SAZ Datasheet HTML 2Page - AIMTEC AMEL2-24SAZ Datasheet HTML 3Page - AIMTEC AMEL2-24SAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AMEL2-AZ
2Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.C
2 of 4
North America only
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
60
mA
230 VAC
30
mA
277 VAC
25
mA
480VAC
20
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
15
A
277 VAC
20
A
480 VAC
30
A
Leakage current
0.15
mA
External fuse
Recommended slow blow type
1
A
Input Dissipation (No Load)
0.5
W
Single Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load (typical)*
±5
%
Line regulation
LL-HL, Full Load
±5
%
Load regulation (single output)
0-100% load (typical)*
±5
%
Transient Recovery Time
100
µs
Transient Response Deviation
25% load step
±2
% of Vout
Minimum load
0
%
Ripple & Noise
3.3V&5V with 680 μF(E/C)
300
mV p-p
12V&15V with 220uF (E/C)
300
mV p-p
24V with 470 uF (E/C)
300
mV p-p
*Ripple & Noisemeasured at
20MHz bandwidth with 0.1μFM/C and 115/230/277/480VAC (typical input) withFull Load.
Dual Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Full load
±5
%
Line regulation
LL-HL
±5
%
Load regulation
0-100% load
±5
%
Cross regulation
25% load change
±5
%
Transient Recovery Time
200
µs
Transient Response Deviation
25% load step
±2
% of Vout
Minimum load
0
%
Ripple & Noise
5D/12D/15D with 220uF (E/C)
200
mV p-p
512D with 220uF (E/C)
300
mV p-p
*Ripple & Noisemeasured at
20MHz bandwidth with 0.1μFM/C and 115/230/277/480VAC (typical input) withFull Load.
*5D/12D/15D Model with symmetric load change and 512D Model with asymmetric load change.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
30sec
3000
VAC
Isolation Resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over Load protection
Fold back
>125%
Short circuit protection
Auto recovery
Operating temperature
See de-rating chart
-40 to +80
oC
Storage temperature
-40 to +85
oC
Maximum Case temperature
100
oC
Humidity
Non condensing
20~95
% RH
Case material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
21
g
Dimensions (L x W x H)
90-305VAC
1.10 x 0.90 x 0.57 inches (28.00 x 23.00 x 14.50 mm)
90-528VAC
1.10 x 0.90 x 0.67 inches (28.00 x 23.00 x 17.00 mm)
MTBF
>400 000 hrs (MIL-HDBK -217F, t=+25oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.


Similar Part No. - AMEL2-24SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL20-1215DMAZ AIMTEC-AMEL20-1215DMAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
AMEL20-1215DMAZ AIMTEC-AMEL20-1215DMAZ Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-1215DMAZ AIMTEC-AMEL20-1215DMAZ Datasheet
650Kb / 6P
   20 Watt | AC-DC / DC-DC Converter
AMEL20-1224DMAZ AIMTEC-AMEL20-1224DMAZ Datasheet
292Kb / 4P
   20 Watt | AC-DC Converter
AMEL20-1224DMAZ AIMTEC-AMEL20-1224DMAZ Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL2-24SAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com