Electronic Components Datasheet Search |
|
AMEPR30C-12250AZ Datasheet(PDF) 2 Page - AIMTEC |
|
AMEPR30C-12250AZ Datasheet(HTML) 2 Page - AIMTEC |
2 / 9 page Series AMEPR30C-AZ up to 2.5A | AC-DC / DC-DC | LED Driver / Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 052.1e R3.C 2 of 9 North America only Output Specifications Parameters Conditions Typical Maximum Units Current accuracy ±3 % Line regulation (LL-HL) ±2 % Load regulation 0-100% load ±3 % Ripple & Noise* 100 mV p-p Hold-up time 50 ms Current adjustment range 100-10 % *Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) or (C/C) and 47µF (E/C) parallel capacitor. Isolation Specifications Parameters Conditions Typical Rated Units Tested voltage I/O 3sec 3750 VAC I/FG 2000 VAC O/FG 500 VAC Isolation Resistance 500VDC >1000 MΩ General Specifications Parameters Conditions Typical Maximum Units Switching frequency 130 KHz Over current protection ≧105 % Over voltage protection ≧105 % Short circuit protection Auto recovery Over temperature protection Detect case temperature 125°C oC Operating temperature With derating over °C Refer to model application oC Maximum case temperature 100 oC Storage temperature -40 to +95 oC Temperature coefficient ±0.02 % / oC Cooling Free air convection Humidity Non condensing 20~95 % RH Case material Plastic Potting Epoxy (IP68 rated) Wires UL1015 18AWG * 20CM Weight 540 g Dimensions 137.33 x 60 x 40.50 mm (5.41 x 2.36 x 1.59 inches) MTBF >400,000 hrs (MIL-HDBK-217F at t=+25°C) Safety Specifications Parameters Agency approvals cULus, CE Standards UL8750, UL60950-1, EN55022, class B, EN60529(IP68), EN61347-1, EN61347-2-13 Information Technology Equipment EN55022 Class B Harmonic Current Emissions IEC/EN 61000-3-2, Class C Voltage fluctuations and flicker IEC/EN 61000-3-3, (EN60555-3) Electrostatic Discharge Immunity IEC 61000-4-2 Level 3 RF, Electromagnetic Field Immunity IEC 61000-4-3 Level 2 Electrical Fast Transient / Burst Immunity IEC 61000-4-4 Level 2 Surge Immunity IEC 61000-4-5 Level 3 RF, Conducted Disturbance Immunity IEC 61000-4-6 Level 2 Power frequency Magnetic Field Immunity IEC 61000-4-8 Level 1 Voltage dips, Short Interruptions Immunity IEC 61000-4-11 |
Similar Part No. - AMEPR30C-12250AZ |
|
Similar Description - AMEPR30C-12250AZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |