Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMER90C-50180CAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMER90C-50180CAZ
Description  LED Driver / Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER90C-50180CAZ Datasheet(HTML) 1 Page - AIMTEC

  AMER90C-50180CAZ Datasheet HTML 1Page - AIMTEC AMER90C-50180CAZ Datasheet HTML 2Page - AIMTEC AMER90C-50180CAZ Datasheet HTML 3Page - AIMTEC AMER90C-50180CAZ Datasheet HTML 4Page - AIMTEC AMER90C-50180CAZ Datasheet HTML 5Page - AIMTEC AMER90C-50180CAZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AMER90C-CAZ
up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.B
1 of 6
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
Output
Current
(A)
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
115
VAC
230
VAC
277
VAC
AMER90C-50180CAZ
90
36-50
1.8
90-305/47-
440
130-430
Constant Current
87
86
86
Constant Voltage
88
87
87
AMER90C-36250CAZ
90
24-36
2.5
90-305/47-
440
130-430
Constant Current
87
87
87
Constant Voltage
88
87
87
AMER90C-24375CAZ
90
12-24
3.75
90-305/47-
440
130-430
Constant Current
86
86
86
Constant Voltage
87
86
86
Exceeding the maximum output power will permanently damage the converter.
The dimming feature is not supported when units are used in Constant Voltage mode only,
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown. All
models can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). Add “–NA” to part number
when ordering.
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/277VAC) and at rated output load unless otherwise specified.
See http://www.aimtec.com/terms-sale
AMER90C-CAZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
1500
mA
230 VAC
600
mA
277 VAC
500
mA
Inrush current <2ms(cold start)
115 VAC
40
A
230 VAC
50
A
277 VAC
60
A
Leakage current
I/O
0.25
mA
I/FG, O/FG
3.5
mA
Power factor
115 VAC
0.98
230 VAC
0.94
277 VAC
0.90
External fuse
Recommended slow blow type
2.5
A
Start-up time
1000
ms
Constant current LED Driver or Converter
Over Temperature Protection
Input range 90-305VAC/47-440Hz
Waterproof Case rated IP68
High Efficiency up to 91%
Power Factor Correction
115VAC Operating temperature -50 to 85°C
230VAC Operating temperature -55 to 85°C
Dimmable via resistive / 0-10Vdc / PWM
5 Years Limited Warranty
Short Circuit Protection
Over Current Protection
Click on Series name for product info on aimtec.com


Similar Part No. - AMER90C-50180CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER90C-50180CAZ AIMTEC-AMER90C-50180CAZ Datasheet
967Kb / 6P
   LED Driver / Converter
More results

Similar Description - AMER90C-50180CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
646Kb / 9P
   LED Driver / Converter
AMER150C-50300CAZ AIMTEC-AMER150C-50300CAZ Datasheet
979Kb / 7P
   LED Driver / Converter
AMER120C-50250AZ AIMTEC-AMER120C-50250AZ Datasheet
1Mb / 6P
   LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMER90C-50180AZ AIMTEC-AMER90C-50180AZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER120C-50250CAZ AIMTEC-AMER120C-50250CAZ Datasheet
978Kb / 6P
   LED Driver / Converter
AMER150C-50300AZ AIMTEC-AMER150C-50300AZ Datasheet
1Mb / 7P
   LED Driver / Converter
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com