Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2858 Datasheet(PDF) 2 Page - NEC

Part # 2SK2858
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2858 Datasheet(HTML) 2 Page - NEC

  2SK2858 Datasheet HTML 1Page - NEC 2SK2858 Datasheet HTML 2Page - NEC 2SK2858 Datasheet HTML 3Page - NEC 2SK2858 Datasheet HTML 4Page - NEC 2SK2858 Datasheet HTML 5Page - NEC 2SK2858 Datasheet HTML 6Page - NEC 2SK2858 Datasheet HTML 7Page - NEC 2SK2858 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D11706EJ2V0DS00
2
2SK2858
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-off Current
IDSS
VDS = 30 V, VGS = 0 V1
µA
Gate Leakage Current
IGSS
VGS = ±20 V, VDS = 0 V±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 3 V, ID = 10
µA
1.0
1.4
1.8
V
Forward Transfer Admittance
| yfs |VDS = 3 V, ID = 10 m A20
mS
RDS(on)1
VGS = 2.5 V, ID = 1 m A8
15
RDS(on)2
VGS = 4 V, ID = 10 mA
4
8
Drain to Source On-state Resistance
RDS(on)3
VGS = 10 V, ID = 10 mA
3
5
Input Capacitance
Ciss
VDS = 3 V9
pF
Output Capacitance
Coss
VGS = 0 V12
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
2.1
pF
Turn-on Delay Time
td(on)
VDD = 3 V40
ns
Rise Time
tr
ID = 10 mA
55
ns
Turn-off Delay Time
td(off)
VGS(on) = 4 V68
ns
Fall Time
tf
RG = 10
Ω, RL = 300 Ω
64
ns


Similar Part No. - 2SK2858

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2858 RENESAS-2SK2858 Datasheet
311Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Similar Description - 2SK2858

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3576 NEC-2SK3576 Datasheet
66Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA611TA NEC-UPA611TA Datasheet
52Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK1399 NEC-2SK1399 Datasheet
46Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3503 NEC-2SK3503 Datasheet
114Kb / 5P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA675T NEC-UPA675T Datasheet
49Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3107 NEC-2SK3107 Datasheet
50Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK3577 NEC-2SK3577 Datasheet
70Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SK2541 NEC-2SK2541 Datasheet
294Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING?
2SK2857 NEC-2SK2857 Datasheet
62Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com