Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLBW-3635Z Datasheet(PDF) 7 Page - AIMTEC

Part # AMLBW-3635Z
Description  Step Up LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLBW-3635Z Datasheet(HTML) 7 Page - AIMTEC

  AMLBW-3635Z Datasheet HTML 1Page - AIMTEC AMLBW-3635Z Datasheet HTML 2Page - AIMTEC AMLBW-3635Z Datasheet HTML 3Page - AIMTEC AMLBW-3635Z Datasheet HTML 4Page - AIMTEC AMLBW-3635Z Datasheet HTML 5Page - AIMTEC AMLBW-3635Z Datasheet HTML 6Page - AIMTEC AMLBW-3635Z Datasheet HTML 7Page - AIMTEC AMLBW-3635Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Series AMLBW-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
7 of 8
North America only
Output Current Adjustment by PWM Control:
A Pulse Width Modulation (PWM) signal with a duty cycle DPWM can be applied to the DIM pin as shown below.
AMLBW-Z
-Vin
1st LED
+LED
1
1
-LED
PWM
0V
5V
DIM
Last LED
+Vin
1
4
2
5
6
3
EN
Driving DIM Via Open Collector Transistor
The DIM pin can also be driven via an open collector transistor as shown below.
AMLBW-Z
-Vin
1st LED
+LED
1
1
-LED
PWM
GND
Last LED
210K
+5V
12K
+Vin
DIM
2SD1782K
1
4
5
6
2
3
EN
Driving the VADJ from a Microcontroller
The DIM can be driven from an open drain output of a microcontroller as shown below.
AMLBW-Z
-Vin
1st LED
+LED
1
1
-LED
MCU
DIM
Last LED
+Vin
+5V
2SK3018
12K
GND
1
4
2
5
6
3
EN


Similar Part No. - AMLBW-3635Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLBW-3635Z AIMTEC-AMLBW-3635Z Datasheet
209Kb / 8P
   Up to 700mA | Step Up LED Driver
More results

Similar Description - AMLBW-3635Z

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3725 SGMICRO-SGM3725 Datasheet
345Kb / 13P
   38V Step-Up LED Driver
SGM3735 SGMICRO-SGM3735 Datasheet
343Kb / 13P
   38V Step-Up LED Driver
SGM3725 SGMICRO-SGM3725_16 Datasheet
1Mb / 13P
   38V Step-Up LED Driver
logo
AIMTEC
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z_16 Datasheet
345Kb / 7P
   Up to 900mA | Step Up LED Driver
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Bright Power Semiconduc...
BP1601 BPS-BP1601 Datasheet
736Kb / 10P
   Step-up Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com