Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M123A01BPC120C Datasheet(PDF) 1 Page - AVX Corporation

Part # M123A01BPC120C
Description  Military Type Designation: Capacitors, Fixed, Ceramic Dielectric, (Temperature Stable and General Purpose), High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M123A01BPC120C Datasheet(HTML) 1 Page - AVX Corporation

  M123A01BPC120C Datasheet HTML 1Page - AVX Corporation M123A01BPC120C Datasheet HTML 2Page - AVX Corporation M123A01BPC120C Datasheet HTML 3Page - AVX Corporation M123A01BPC120C Datasheet HTML 4Page - AVX Corporation M123A01BPC120C Datasheet HTML 5Page - AVX Corporation M123A01BPC120C Datasheet HTML 6Page - AVX Corporation M123A01BPC120C Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74
MIL-PRF-123
TEST DESCRIPTION
MIL-PRF-123
MIL-PRF-39014
MIL-PRF-20
MIL-PRF-55681
NDT
100% Ultrasonic Scan or
No
No
No
(Non-Destructive Test)
Neutron-Radiography
Pre-Cap Visual
100%
No
No
No
(Pre-Encapsulation
Visual Examination)
D.P.A.
Lot by Lot—Pre-Termination
No
No
No
(Destructive Physical Analysis)
Lot by Lot—Finished Product
Pre-Cap
Terminal Strength
Lot by Lot
No
No
No
(Pre-Encapsulation Pull Test)
Life Test
Lot by Lot—1000 Hours
No
No
No
(Lot by Lot)
Low Voltage
Lot by Lot
No
No
No
Humidity (Lot by Lot)
Thermal Shock
Lot by Lot
No
No
No
100 Cycles (Lot by Lot)
CROSS REFERENCE MIL-SPEC TEST REQUIREMENTS
HOW TO ORDER
Military Type Designation: Capacitors, Fixed, Ceramic Dielectric,
(Temperature Stable and General Purpose), High Reliability
M123
Mil-Spec
Number
A
Modification
Spec.
01
Slash Sheet
Number
B
Voltage
B = 50
C = 100
103
Capacitance
Code
BX
Temperature
Characteristic
Capacitance change with
reference to 25ºC over temperature
range -55ºC to +125ºC
Symbol
Without
With Rated
Voltage
DC Voltage
BP
0 ± 30 ppm/ºC 0 ±30 ppm/ºC
BX
±15, -15%
±15, -25%
K
Capacitance
Tolerance
C = ±0.25pF
D = ±0.5pF
F = ±1%
J = ±5%
K = ±10%
C
Termination
C = Copper, solder
coated (type C-4
or C-5 of
MIL-STD-1276)
W = Copper clad
steel, solder
coated, 60 micro
inches minimum.
Not RoHS Compliant


Similar Part No. - M123A01BPC120C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
M123A01BXB103K AVX-M123A01BXB103K Datasheet
1Mb / 71P
   Multiayer Ceramic Leaded Capacitors
More results

Similar Description - M123A01BPC120C

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MIL-PRF-123 AVX-MIL-PRF-123 Datasheet
73Kb / 5P
   Military Type Designation: Capacitors, Fixed, Ceramic Dielectric
04026D225KAT2A AVX-04026D225KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0201ZD472KAT2A AVX-0201ZD472KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
1206YD226KAT2A AVX-1206YD226KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
0603YD105KAT4A AVX-0603YD105KAT4A Datasheet
107Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
0603ZD105KAT2A AVX-0603ZD105KAT2A Datasheet
125Kb / 4P
   General Purpose Dielectric for Ceramic Capacitors
01016D101KAT2A AVX-01016D101KAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1206SFS200F AVX-1206SFS200F Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
1210YD226MAT2A AVX-1210YD226MAT2A Datasheet
85Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
02016D332KAT2A AVX-02016D332KAT2A Datasheet
70Kb / 3P
   General Purpose Dielectric for Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com