Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC97A8-412 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MAC97A8-412
Description  Direct interfacing to logic level ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAC97A8-412 Datasheet(HTML) 4 Page - NXP Semiconductors

  MAC97A8-412 Datasheet HTML 1Page - NXP Semiconductors MAC97A8-412 Datasheet HTML 2Page - NXP Semiconductors MAC97A8-412 Datasheet HTML 3Page - NXP Semiconductors MAC97A8-412 Datasheet HTML 4Page - NXP Semiconductors MAC97A8-412 Datasheet HTML 5Page - NXP Semiconductors MAC97A8-412 Datasheet HTML 6Page - NXP Semiconductors MAC97A8-412 Datasheet HTML 7Page - NXP Semiconductors MAC97A8-412 Datasheet HTML 8Page - NXP Semiconductors MAC97A8-412 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NXP Semiconductors
MAC97A8
4Q Triac
MAC97A8
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
7 November 2013
4 / 13
tsurge (S)
10-3
10
1
10-2
003aaa041
1
2
3
IT(RMS)
(A)
0
Fig. 1. RMS on-state current as a function of surge
duration; maximum values
aaa-009816
Tlead (°C)
0
150
100
50
0.4
0.2
0.6
0.8
IT(RMS)
(A)
0
Fig. 2. RMS on-state current as a function of lead
temperature; maximum values
α = 180°
0
0.4
0.8
1.2
0
0.2
0.4
0.6
0.8
IT(RMS) (A)
Ptot
30°
60°
90°
120°
003aaa036
(W)
α
α
α = conduction angle
a = form factor = IT(RMS) / IT(AV)
Fig. 3. Total power dissipation as a function of RMS
on-state current; maximum values
10
8
6
4
2
0
1
10
102
103
ITSM
(A)
n
003aaa038
f = 50 Hz
Fig. 4. Non-repetitive peak on-state current as a
function of the number of sinusoidal current
cycles; maximum values


Similar Part No. - MAC97A8-412

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MAC97A8-AA3-R UTC-MAC97A8-AA3-R Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
MAC97A8-T92-B UTC-MAC97A8-T92-B Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
MAC97A8-T92-K UTC-MAC97A8-T92-K Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
MAC97A8-T92-R UTC-MAC97A8-T92-R Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
More results

Similar Description - MAC97A8-412

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0103MN0 NXP-Z0103MN0 Datasheet
214Kb / 15P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
Z0103MA0 NXP-Z0103MA0 Datasheet
174Kb / 13P
   4Q Triac Direct interfacing to logic level ICs
Rev. 01-3 January 2011
logo
Silikron Semiconductor ...
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
   Direct Logic-Level Interface: TTL/CMOS
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
NXP Semiconductors
BT137-600D NXP-BT137-600D Datasheet
157Kb / 13P
   Direct triggering from low power drivers and logic ICs
Rev. 3-24 March 2011
logo
Intersil Corporation
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com