Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAWG132100F1H14 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # AAWG132100F1H14
Description  Multiplexer/Demultiplexer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

AAWG132100F1H14 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  AAWG132100F1H14 Datasheet HTML 1Page - OPLINK Communications Inc. AAWG132100F1H14 Datasheet HTML 2Page - OPLINK Communications Inc. AAWG132100F1H14 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AAWG Series
Athermal Arrayed-Waveguide Grating
Multiplexer/Demultiplexer
Oplink Communications, Inc
Channel Spectrum Table
Mechanical Drawing / Package Dimensions (dimension in mm)
120.0
110.0
5.0
4-Ø3.2
through
15.0(MAX)
ANGLES:
TOL'S:
.XX:
±0.10
±0.5°
.X:
±0.2
Typical Flat-Top 40-Channel Spectrum
*The mechanical tolerance should be ±0.2mm on all package dimensions unless otherwise specified.


Similar Part No. - AAWG132100F1H14

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
AAWG132100F1H11 OPLINK-AAWG132100F1H11 Datasheet
600Kb / 3P
   Athermal Arrayed-Waveguide Grating Multiplexer/Demultiplexer
AAWG132100F1H12 OPLINK-AAWG132100F1H12 Datasheet
600Kb / 3P
   Athermal Arrayed-Waveguide Grating Multiplexer/Demultiplexer
More results

Similar Description - AAWG132100F1H14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com