Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0X1BQ-115 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PESD5V0X1BQ-115
Description  Ultra low capacitance bidirectional ESD protection diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0X1BQ-115 Datasheet(HTML) 4 Page - NXP Semiconductors

  PESD5V0X1BQ-115 Datasheet HTML 1Page - NXP Semiconductors PESD5V0X1BQ-115 Datasheet HTML 2Page - NXP Semiconductors PESD5V0X1BQ-115 Datasheet HTML 3Page - NXP Semiconductors PESD5V0X1BQ-115 Datasheet HTML 4Page - NXP Semiconductors PESD5V0X1BQ-115 Datasheet HTML 5Page - NXP Semiconductors PESD5V0X1BQ-115 Datasheet HTML 6Page - NXP Semiconductors PESD5V0X1BQ-115 Datasheet HTML 7Page - NXP Semiconductors PESD5V0X1BQ-115 Datasheet HTML 8Page - NXP Semiconductors PESD5V0X1BQ-115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PESD5V0X1BQ_PESD5V0X1BT_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 30 October 2008
4 of 13
NXP Semiconductors
PESD5V0X1BQ; PESD5V0X1BT
Ultra low capacitance bidirectional ESD protection diodes
6.
Characteristics
[1]
Bidirectional configuration: measured from pin 1 to 2 or pin 2 to 1.
[2]
Unidirectional configuration: measured from pin 1 to 3 or pin 2 to 3.
Fig 1.
ESD pulse waveform according to IEC 61000-4-2
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns
Table 9.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff
voltage
--5
V
IRM
reverse leakage current VRWM = 5 V
-
1
100
nA
VBR
breakdown voltage
IR = 5 mA
5.8
7.5
9.5
V
Cd
diode capacitance
f=1MHz
VR =0V
[1] -
0.9
1.3
pF
[2] -
2
2.6
pF
VR =5V
[1] -
0.8
1.2
pF
[2] -
1.7
2.3
pF
rdif
differential resistance
IR = 1 mA
-
-
100


Similar Part No. - PESD5V0X1BQ-115

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0X1BQ NXP-PESD5V0X1BQ Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
More results

Similar Description - PESD5V0X1BQ-115

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0X1BQ NEXPERIA-PESD5V0X1BQ Datasheet
208Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
28 December 2022
logo
NXP Semiconductors
PESD5V0X1BT NXP-PESD5V0X1BT Datasheet
83Kb / 13P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-30 October 2008
PESD5V0U1BA NXP-PESD5V0U1BA Datasheet
79Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01 - 25 April 2007
PESD5V0X1BL NXP-PESD5V0X1BL Datasheet
77Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-4 November 2008
PESD5V0U1BA PHILIPS-PESD5V0U1BA Datasheet
87Kb / 12P
   Ultra low capacitance bidirectional ESD protection diodes
Rev. 01-25 April 2007
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com