Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC144WU Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDTC144WU
Description  NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC144WU Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDTC144WU Datasheet HTML 6Page - NXP Semiconductors PDTC144WU Datasheet HTML 7Page - NXP Semiconductors PDTC144WU Datasheet HTML 8Page - NXP Semiconductors PDTC144WU Datasheet HTML 9Page - NXP Semiconductors PDTC144WU Datasheet HTML 10Page - NXP Semiconductors PDTC144WU Datasheet HTML 11Page - NXP Semiconductors PDTC144WU Datasheet HTML 12Page - NXP Semiconductors PDTC144WU Datasheet HTML 13Page - NXP Semiconductors PDTC144WU Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2004 Aug 17
11
NXP Semiconductors
Product data sheet
NPN resistor-equipped transistors;
R1 = 47 k
Ω, R2 = 22 kΩ
PDTC144W series
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - PDTC144WU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144WU PHILIPS-PDTC144WU Datasheet
51Kb / 8P
   NPN resistor-equipped transistor
1999 May 25
PDTC144WU PHILIPS-PDTC144WU Datasheet
93Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PDTC144WU PHILIPS-PDTC144WU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTC144WU PHILIPS-PDTC144WU Datasheet
92Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k-ohm, R2 = 22 k-ohm
2004 Aug 17
PDTC144WU NXP-PDTC144WU Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
More results

Similar Description - PDTC144WU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC144W PHILIPS-PDTC144W_15 Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC144W NXP-PDTC144W Datasheet
189Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 17
PDTC124X NXP-PDTC124X Datasheet
147Kb / 12P
   NPN resistor-equipped transistors; R1 = 22 k廓, R2 = 47 k廓
Rev. 07-16 November 2009
PEMH17_PUMH17 PHILIPS-PEMH17_PUMH17_15 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PEMH16_PUMH16 PHILIPS-PEMH16_PUMH16_15 Datasheet
284Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 22 k廓, R2 = 47 k廓
Rev. 04-15 November 2009
PEMH17 NXP-PEMH17 Datasheet
282Kb / 9P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
Rev. 03-15 November 2009
PDTC144E NXP-PDTC144E Datasheet
188Kb / 14P
   NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Aug 17
logo
Nexperia B.V. All right...
PQMD16 NEXPERIA-PQMD16 Datasheet
734Kb / 17P
   NPN/PNP resistor-equipped transistors;R1 = 22 k廓, R2 = 47 k廓
logo
NXP Semiconductors
PDTA144W NXP-PDTA144W Datasheet
188Kb / 14P
   PNP resistor-equipped transistors; R1 = 47 k廓, R2 = 22 k廓
2004 Aug 05
PEMH2 NXP-PEMH2 Datasheet
145Kb / 8P
   NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = 47 k廓
2004 Apr 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com