Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5018 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5018
Description  100 V, 300 mA Constant On-Time Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5018 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5018_13 Datasheet HTML 4Page - Texas Instruments LM5018_13 Datasheet HTML 5Page - Texas Instruments LM5018_13 Datasheet HTML 6Page - Texas Instruments LM5018_13 Datasheet HTML 7Page - Texas Instruments LM5018_13 Datasheet HTML 8Page - Texas Instruments LM5018_13 Datasheet HTML 9Page - Texas Instruments LM5018_13 Datasheet HTML 10Page - Texas Instruments LM5018_13 Datasheet HTML 11Page - Texas Instruments LM5018_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
=
1.225V
RFB1
VOUT - 1.225V
RFB2
RFB2 + RFB1
VOUT = 1.225V x
RFB1
VOUT
Csw =
10
-10 x R
ON
LM5018
SNVS787E – JANUARY 2012 – REVISED DECEMBER 2013
www.ti.com
Functional Description
The LM5018 step-down switching regulator features all the functions needed to implement a low cost, efficient,
buck converter capable of supplying up to 300 mA to the load. This high voltage regulator contains 100 V, N-
channel buck and synchronous switches, is easy to implement, and is provided in thermally enhanced SO
PowerPAD-8 and WSON-8 packages. The regulator operation is based on a constant on-time control scheme
using an on-time inversely proportional to VIN. This control scheme does not require loop compensation. The
current limit is implemented with a forced off-time inversely proportional to VOUT. This scheme ensures short
circuit protection while providing minimum foldback. The simplified block diagram of the LM5018 is shown in
Figure 12.
The LM5018 can be applied in numerous applications to efficiently regulate down higher voltages. This regulator
is well suited for 48 V telecom and 42 V automotive power bus ranges. Protection features include: thermal
shutdown, undervoltage lockout, minimum forced off-time, and an intelligent current limit.
Control Overview
The LM5018 buck regulator employs a control principle based on a comparator and a one-shot on-timer, with the
output voltage feedback (FB) compared to an internal reference (1.225 V). If the FB voltage is below the
reference the internal buck switch is turned on for the one-shot timer period, which is a function of the input
voltage and the programming resistor (RON). Following the on-time the switch remains off until the FB voltage
falls below the reference, but never before the minimum off-time forced by the minimum off-time one-shot timer.
When the FB pin voltage falls below the reference and the minimum off-time one-shot period expires, the buck
switch is turned on for another on-time one-shot period. This will continue until regulation is achieved and the FB
voltage is approximately equal to 1.225 V (typ).
In a synchronous buck converter, the low side (sync) FET is 'on' when the high side (buck) FET is 'off.' The
inductor current ramps up when the high side switch is ‘on’ and ramps down when the high side switch is ‘off’.
There is no diode emulation feature in this IC, and therefore, the inductor current may ramp in the negative
direction at light load. This causes the converter to operate in continuous conduction mode (CCM) regardless of
the output loading. The operating frequency remains relatively constant with load and line variations. The
operating frequency can be calculated as:
The output voltage (VOUT) is set by two external resistors (RFB1, RFB2). The regulated output voltage is calculated
as:
This regulator regulates the output voltage based on ripple voltage at the feedback input, requiring a minimum
amount of ESR for the output capacitor (COUT). A minimum of 25 mV of ripple voltage at the feedback pin (FB) is
required for the LM5018. In cases where the capacitor ESR is too small, additional series resistance may be
required (RC in Figure 13 ).
For applications where lower output voltage ripple is required the output can be taken directly from a low ESR
output capacitor, as shown in Figure 13. However, RC slightly degrades the load regulation.
VCC Regulator
The LM5018 contains an internal high voltage linear regulator with a nominal output of 7.6 V. The input pin (VIN)
can be connected directly to the line voltages up to 100 V. The VCC regulator is internally current limited to 30mA.
The regulator sources current into the external capacitor at VCC. This regulator supplies current to internal circuit
blocks including the synchronous MOSFET driver and the logic circuits. When the voltage on the VCC pin
reaches the undervoltage lockout threshold of 4.5 V, the IC is enabled.
The VCC regulator contains an internal diode connection to the BST pin to replenish the charge in the gate drive
boot capacitor when SW pin is low.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM5018


Similar Part No. - LM5018_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM5018_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 150-mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com