Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5019 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5019
Description  100 V, 100 mA Constant On-Time Synchronous Buck Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5019 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5019_14 Datasheet HTML 5Page - Texas Instruments LM5019_14 Datasheet HTML 6Page - Texas Instruments LM5019_14 Datasheet HTML 7Page - Texas Instruments LM5019_14 Datasheet HTML 8Page - Texas Instruments LM5019_14 Datasheet HTML 9Page - Texas Instruments LM5019_14 Datasheet HTML 10Page - Texas Instruments LM5019_14 Datasheet HTML 11Page - Texas Instruments LM5019_14 Datasheet HTML 12Page - Texas Instruments LM5019_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
0.07 x VIN
TOFF(ILIM) =
VFB + 0.2V
2s
10
-10 x R
ON
TON =
VIN
FB
SW
L1
COUT
RFB2
VOUT
RC
LM5019
+
RFB1
VOUT
(low ripple)
LM5019
www.ti.com
SNVS788E – JANUARY 2012 – REVISED DECEMBER 2013
At high input voltages, the power dissipated in the high voltage regulator is significant and can limit the overall
achievable output power. As an example, with the input at 48 V and switching at high frequency, the VCC
regulator may supply up to 7 mA of current resulting in 48 V x 7 mA = 336 mW of power dissipation. If the VCC
voltage is driven externally by an alternate voltage source, between 8 V and 13 V, the internal regulator is
disabled. This reduces the power dissipation in the IC.
Figure 13. Low Ripple Output Configuration
Regulation Comparator
The feedback voltage at FB is compared to an internal 1.225 V reference. In normal operation, when the output
voltage is in regulation, an on-time period is initiated when the voltage at FB falls below 1.225 V. The high side
switch will stay on for the on-time, causing the FB voltage to rise above 1.225 V. After the on-time period, the
high side switch will stay off until the FB voltage again falls below 1.225 V. During start-up, the FB voltage will be
below 1.225 V at the end of each on-time, causing the high side switch to turn on immediately after the minimum
forced off-time of 144 ns. The high side switch can be turned off before the on-time is over, if the peak current in
the inductor reaches the current limit threshold.
Overvoltage Comparator
The feedback voltage at FB is compared to an internal 1.62 V reference. If the voltage at FB rises above 1.62 V
the on-time pulse is immediately terminated. This condition can occur if the input voltage and/or the output load
changes suddenly. The high side switch will not turn on again until the voltage at FB falls below 1.225 V.
On-Time Generator
The on-time for the LM5019 is determined by the RON resistor, and is inversely proportional to the input voltage
(VIN), resulting in a nearly constant frequency as VIN is varied over its range. The on-time equation for the
LM5019 is:
(4)
See Figure 7. RON should be selected for a minimum on-time (at maximum VIN) greater than 100ns, for proper
operation. This requirement limits the maximum switching frequency for high VIN.
Current Limit
The LM5019 contains an intelligent current limit off-timer. If the current in the buck switch exceeds 240mA the
present cycle is immediately terminated, and a non-resetable off-timer is initiated. The length of off-time is
controlled by the FB voltage and the input voltage VIN. As an example, when FB = 0V and VIN = 48 V, the
maximum off-time is set to 16
μs. This condition occurs when the output is shorted, and during the initial part of
start-up. This amount of time ensures safe short circuit operation up to the maximum input voltage of 100 V.
In cases of overload where the FB voltage is above zero volts (not a short circuit) the current limit off-time is
reduced. Reducing the off-time during less severe overloads reduces the amount of foldback, recovery time, and
start-up time. The off-time is calculated from the following equation:
(5)
The current limit protection feature is peak limited. The maximum average output will be less than the peak.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5019


Similar Part No. - LM5019_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
More results

Similar Description - LM5019_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5008A TI-LM5008A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 150-mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com