Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5068 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5068
Description  Negative Voltage Hot Swap Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5068 Datasheet(HTML) 3 Page - Texas Instruments

  LM5068 Datasheet HTML 1Page - Texas Instruments LM5068 Datasheet HTML 2Page - Texas Instruments LM5068 Datasheet HTML 3Page - Texas Instruments LM5068 Datasheet HTML 4Page - Texas Instruments LM5068 Datasheet HTML 5Page - Texas Instruments LM5068 Datasheet HTML 6Page - Texas Instruments LM5068 Datasheet HTML 7Page - Texas Instruments LM5068 Datasheet HTML 8Page - Texas Instruments LM5068 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM5068
www.ti.com
SNVS254B – MAY 2004 – REVISED DECEMBER 2004
Pin Description (continued)
PIN
NAME
DESCRIPTION
APPLICATION INFORMATION
5
SENSE
Current Sense Input
Load current is monitored via an external current sense
resistor (Rs). If the voltage across Rs exceeds 50mV the
fault timer is initiated. Load current is actively limited to
100mV/Rs. If the sense voltage exceeds 200mV due to a
catastrophic fault, the fast gate pull down circuit will reduce
the MOSFET gate voltage and initiate active current
limiting.
6
GATE
N-Channel MOSFET Gate Drive Output
This output is pulled high by a 60 µA current source to turn
on the MOSFET.
7
TIMER
Timer Input
An external capacitor connected to this pin sets the initial
start-up delay and the delay to shutdown in the event of an
over-current condition. This pin is also used for the
automatic re-try timing sequence, following fault shutdown
(-2 and –4 versions).
8
VDD
Positive Supply Voltage Input
Configuration Table
Part Number
Latch Off /Successive Re-try
Power Good Polarity
Package
LM5068MM-1/MMX-1
Latch Off
Active HIGH
MSOP- 8
LM5068MM-2/MMX-2
Auto Re-try
Active HIGH
LM5068MM-3/MMX-3
Latch Off
Active LOW
LM5068MM-4/MMX-4
Auto Re-try
Active LOW
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VDD (VDD to VEE)
100V
PWRGD (PWRGD to VEE)
100V
SENSE (SENSE to VEE)
8V
UV/OV (Clamped) (UV/OV to VEE)
8V
All Other Inputs to VEE
16V
Junction Temperature (TJ)
+150°C
Storage Temperature (TS)
-55°C to +150°C
Soldering Information
ESD Rating (2)
2kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
(2)
The ESD rating of Pin 7 is 1.5kV. It is recommended that proper ESD precautions are taken to avoid performance degradation or loss of
functionality.
Operating Ratings
Supply Voltage Range (VDD)
10V to 90V
Junction Temp. Range
−40°C to +105°C
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5068


Similar Part No. - LM5068

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Texas Instruments
LM5068 TI-LM5068 Datasheet
1Mb / 33P
[Old version datasheet]   LM5068 Negative Voltage Hot Swap Controller
LM5068 TI1-LM5068 Datasheet
1Mb / 34P
[Old version datasheet]   Negative Voltage Hot Swap Controller
LM5068MM-1/MMX-1 TI1-LM5068MM-1/MMX-1 Datasheet
1Mb / 33P
[Old version datasheet]   Negative Voltage Hot Swap Controller
LM5068MM-1/NOPB TI1-LM5068MM-1/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Negative Voltage Hot Swap Controller
More results

Similar Description - LM5068

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL_15 Datasheet
326Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com